Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDKQ Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKQ
Description  Multi-connection Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKQ Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SDKQ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKQ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
213
Push
Type
Rocker
Type
Slide
Type
Rotary
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
List of Varieties
Operating
temperature range
–20
℃ to
+60℃
–30
℃ to
+60℃
100m
Ω max.
500M
Ω min.
500V DC
–30
±2℃
for 96h
–40
±2℃
for 96h
85
±2℃ for 96h
85
±2℃ for 240h
40
±2℃,
90 to 95%RH for 240h
40
±2℃,
90 to 95%RH for 96h
1,000V AC
for 1minute
1,500V AC for 1minute
50N
for 1minute
20N
20N
Contact
resistance
Insulation
resistance
Voltage
proof
Terminal
strength
Operating
direction
Perpendicular
direction
Manual
soldering
Dip
soldering
Cold
Dry heat
Damp heat
Resistance to
soldering heat
Actuator
strength
Push
SDKN
SDKS
–10
℃ to
+60℃
–25
±2℃
for 240h
–20
±2℃
for 240h
―
70N
for 1minute
100N
20N
30N
50m
Ω max.
100M
Ω min.
500V DC
500M
Ω min. 500V DC
100m
Ω max.
SDKQ
60
±2℃,
90 to 95%RH for 1000h
–10
℃ to
+85℃
5N
for 1minute
SDKR
1,000V AC
for 1minute
300
±10℃,
3
±0.5s
260
±5℃,
10
±1s
350
±10℃, 3±0.5s
–20
±2℃ for 96h
2,000V AC for 1minute
10N for 1minute
25N
25N
–10
℃ to +55℃
SDDJE
60N for 1minute
※260±10℃, 10±1s
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
Rocker
SDDJF
1. ※1. Dip soldering can be used on SDDJE For PC board terminal and SDDJF right angle terminal types only.
2. ※2. The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Notes
※1
※2
※1
※2
Photo
Travel
(mm)
Remark
9
9.7
14.6
3.5
5.2
2.5
1.5
Water-proof
type
● Power Switches Cautions ……………………………………………………………………………………………………235
● Power Switches Safety Standard ………………………………………………………………………………237, 238, 239
Page
215
217
219
220
221
225
Type
Series
Items
Load : as ratings
6,000cycles
0.25A 250V AC
0.5A 125V AC
5mA 5V DC
2A 250V AC
4A 125V AC
Rating
Operating life
12,000cycles
3A 125V AC
100,000cycles
0.5A 250V AC
1A 125V AC
Refer to individual
product spec.
10,000cycles
6A/96A 250V
∼
16
(6)/250∼
Load : as ratings
Power Switches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com