Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKEG Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SKEG
Description  6mm Square(Snap-in Type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKEG Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SKEG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Snap-in
Type
Surface
Mount Type
Radial
Type
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
308
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Product Line of Knobs
Applicable model
SKHC
SKQE
SKHH
SKHJ
Cap
Keytop
Keytop
Clear
Red
Blue
Ivory
Black
Red
Blue
Ivory
Black
Yellow
SK2AA00510
Keytop + Cap
Keytop + Cap
SK2AA00010
SK2AA00020
SK2AA00030
SK2AA00040
SK2AA00410
SK2AA00420
SK2AA00430
SK2AA00440
SK2AA00450
SK2AA00060
SK2AA00070
SK2AA00080
SK2AA00090
Cap
Keytop
Clear
Red
Blue
Ivory
Black
Yellow
SK2AA00520
SK2AA00210
SK2AA00220
SK2AA00230
SK2AA00240
SK2AA00250
SK2AA00260
SK2AA00270
SK2AA00280
SK2AA00290
SK2AA00300
Dimensions
Variety
Color
Model
Label dimensions
(Unit:mm)
Cap
Key top
H10
H6.5
Thickness 0.1
Thickness 0.1
Applicable to joint
stem type
Applicable to joint
stem type
Key top
Cap
Thickness 0.1
SKEG
Cap
Keytop
Clear
Red
Blue
Ivory
Black
Yellow
SK2AA00540
SK2AA00310
SK2AA00320
SK2AA00330
SK2AA00340
SK2AA00350
SK2AA00360
SK2AA00370
SK2AA00380
SK2AA00390
SK2AA00400
Key top
Cap
H6
Applicable to joint
stem type
Keytop + Cap
SK2AA00010~00090(Keytop)
Stem of key switch
Unit:mm
1. The knob will be delivered together with the switch but packed separately.
2. The label is not included.
3. For SK2AA00010 to SK2AA00090 types, please check the mounting direction.
Notes
TACT SwitchTM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com