Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKEY Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKEY
Description  7.8mm Square(Snap-in Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKEY Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKEY Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKEY Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKEY Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TACT Switch
TM
251
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
List of Varieties
301
302
303
304
305
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
Contact
298
296
299
300
296
Carbon
Silver
Carbon
Silver
Carbon
Soft Feeling Type
□6
7
6.6
6.3
5
7.5
9.9
7.3
□7.8
5
8
9
10
5.9
6
6
6.7
5
7
6.6
6.3
5
V6.45
□7.8
Snap–in
Surface mount
Radial
SKEG
SKPE
SKEG
SKEY
SKPF
Horizontal
type
High operation force
and long stroke
Low contact
resistance
SKPM
SKPN
SKPG
SKPL
SKPD
Round terminal and
low contact resistance
Series
ー20℃ to +70℃ SKEG
ー40℃ to +90℃
100M
Ω min. 100V DC
SKEY/PD
:50MΩ min. 100V DC
250V AC for 1min. SKPN : 200V AC for 1min.
SKEY/PD : 100V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
Vertical
Horizontal
Operating
temperature
range
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
TACT Switch
TM Cautions ………………………………………………………………………………………………………307
Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com