Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKHC Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHC
Description  12mm Square(Snap-in Type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHC Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKHC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TACT Switch
TM
269
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Dimensions
Joint stem type
Unit:mm
PC board mounting hole dimensions
(Viewed from switch mounting face)
Flat stem type
1
No.
Style
Photo
2
Circuit Diagram
12
34
Please use 1.6mm thick PC boards.
Note
12mm Square(Snap-in Type)
SKHC Series
TACT Switch
TM
12.5
2-¿1.7 holes
4-¿1.2 holes
12.5
2-¿1.7 holes
4-¿1.2 holes
¿7.9
¿1.6
12.5
Guide bosses
Stem
1
9
¿1.8 dimple on either of the two locations
1
2
3
4
H
12
H12
3.8
ø1.6
12.5
Guide bosses
Stem
3.8
3
1
9
1
2
3
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com