Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM562AP Datasheet(PDF) 15 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 15 Page - Davicom Semiconductor, Inc.

Back Button DM562AP_07 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 19Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Final
15
Version: DM562AP-DS-F03
These 4 bits control the DM6588A output ports.
Modem Output Port 2 Register: Address D800H
Write only
bit7
bit6
bit5
bit4 bit3
bit2
bit1
bit0
/MUT
E
/PUL
SE
/CID
These 3 bits control the DM6588A output ports.
Memory Mapping of Micro-controller 80C32 :
Address
Description
External
Internal
C800H
GPIO OUTP3-OUTP0(Bit7~4);INP3~INP0(Bit3~0)
Y
N
D000H
DAA Port
Y
Y
D400H
UART Clock Register
N
Y
D800H
PS1 Port (Modem hybrid circuit control port)
Y
Y
DC0XH
HDLC registers
Y
Y
E000H
Modem UART Status Register
N
Y
E400H
/RUCS Port(RX DSP Dual Port Registers)
Y
Y
E800H
Modem LED Output Port UD7~UD0
Y
N
EC00H
UART Baud Generator Divisor Latch Register
N
Y
F000H
/TUCS Port (TX DSP Dual Port Register)
Y
Y
F80XH
PCI Vender & Device ID Port Register
N
Y
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com