Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM562AP Datasheet(PDF) 17 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 17 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 21Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Final
17
Bit1: frame end flag (read only)
1:Indicate end of HDLC frame (clear by a reset
action)
Bit2: fram ready flag (read only)
1:CRC check ok.
0:CRC check fail.
Bit3: In
_ buffer empty flag
1:In
_ buffer empty (clear automatically by a
write to In
_buffer)
0:In
_ buffer not empty
Bit7: reset bit (write only)
1:software reset
CRCL register: Address DC0AH (read only)
CRCH register: Address DC0BH (read only)
8. Micro-controller Control Register for Internal
Mode
UART Clock (internal mode only)
The internal clock of the virtual UART logic is fixed at
1.8432MHz. The clock is derived from an external
30MHz crystal. The UART 1.8432MHz clock will be
obtained by division. When the operating frequency
of the DM6588A controller changes, the divider
should be changed accordingly. This divider is
specified by the Configuration Register which can be
written by the DM6588A controller. The address
mapping of the register is D400H: (DM6588A
controller memory mapping)
Bit 0: Always 0.
Bit 6-1: define the clock divider range from 2 to 64
(even number).
Bit 7: Not used.
UART Clock Register: ( internal mode only )
Address D400H Reset State: 06H
Write Only
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
X
dat6
dat5
dat4
dat3
dat2
dat1
0
UART Baud Generator Divisor Latch Register:
Address EC00H ( internal mode only )
Read only
bit7
bit6
bit5
bit4
bit3
Bit2
bit1 bit0
dat7 dat6 dat5 dat4 dat3 Dat2 dat1 dat0
By reading this register, the micro-controller can
monitor the value of the low byte divisor latch of the
virtual UART baud generator (see DLL in next section)
and determine the baud rate clock itself.
Modem Status Control Register (MSCR):
Address E000H ( internal mode only )
Write only
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0
0
0
0
/CTS /DSR /DCD
/RI
This register contains information about the line
status of the modem. The available signals are Ring
Detect (/RI), Carrier Detect (/DCD), Data Set Ready
(/DSR) and Clear To Send (/CTS).
9. Host Control Register for Virtual 16550A UART
(internal mode only)
Receiver Buffer (Read), Transmitter Holding
Register (Write): Address: 0 (DLAB=0)
Reset State 00h
bit7
bit6
bit5
bit4
bit3
Bit2
bit1
Bit0
dat7 dat6 dat5 dat4 dat3 Dat2 dat1 Dat0
When this register address is read, it contains the
parallel received data. Data to be transmitted is
written to this register.
Interrupt Enable Register (IER): Address 1
Reset State 00h, Write Only
bit7 Bit
6
bit
5
bit4
bit3
bit2
bit1
bit0
0
0
0
0
Enable
Modem
Status
Intr
Enable
Line
Status
Intr
Enable
TX
Holding
Register
Intr
Enable
RX
Data
Intr
This 8-bit register enables the four types of interrupts
as described below. Each interrupt source can
activate the INT output signal if enabled by this
register. Resetting bits 0 through 3 will disable all
UART interrupts.
Bit 0: This bit enables the Received Data Available
and timeout interrupts in the FIFO mode when
set to logic 1.
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com