Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKRT Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRT
Description  4.5횞3.55mm SidepushTM (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRT Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKRT Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRT Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRT Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TACT Switch
TM
250
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
List of Varieties
294
293
295
292
3.9
1.5
290
3.5
3.55
1.25
289
SKSC
●
―
―
SKRE
●
Low–profile
Horizontal type
Sharp Feeling Type
V6.2
4.3
□6.6
5
7.3
6.85
7.1
V9
13
4.5
3.3
6.45
6.4
4
7.35
7.5
5
□10
7.1
See the relevant pages for
respective product
descriptions
Surface mount
Radial
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
Horizontal
type
SKRT
●
4–direction switch
+push
switch
SKRV
●
●
SKRH
●
●
Round
terminal type
SKQU
●
―
SKRG
●
SKQK
●
SKQN
●
―
―
SKRC
―
●
Round terminal
Horizontal type
Water–proof
Vertical
Horizontal
Series
Operating
temperature
range
ー20℃ to +70℃ SKRV/QK
ー30℃ to +85℃
100M
Ω min. 100V DC
250V AC for 1min.
SKSC/RE/RV/RH : 100V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
●
―
291
481
482
480
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
● TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
● TACT Switch
TM Cautions ………………………………………………………………………………………………………307
● Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308
The automotive operating temperature range to be individually discussed upon request.
Note



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com