Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKSC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKSC
Description  1.25mm Height Low-profile SidepushTM (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKSC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKSC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKSC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
289
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Refer to P.306 for soldering conditions.
Combination of excellent solder strength & size merit (3.5
G
G3.55mm with hight of 1.25mm).
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Variety
1.6N
2.2N
1.6N
2.2N
Horizontal
0.2
50mA
12V
DC
Rating
(min.)
10
BA
1V DC
100,000cycles
100m
Ω
max.
Without
guide bosses
Product No.
SKSCLCE010
SKSCLAE010
With guide
bosses
SKSCLDE010
SKSCLBE010
Operating
direction
Dimensions
Unit:mm
PC board mounting hole and land dimensions
(Viewed from switch mounting face)
Style
Circuit Diagram
34
12
1.25mm
Height Low-profile Sidepush
TM (Surface Mount Type)
SKSC Series
TACT Switch
TM
Product Line
Horizontal type
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Variety
1.6N
2.2N
1.6N
2.2N
Horizontal
0.2
50mA
12V
DC
Rating
(min.)
10
BA
1V DC
100,000cycles
100m
Ω
max.
Without
guide bosses
With guide
bosses
Product No.
SKSCPCE010
SKSCPAE010
SKSCPDE010
SKSCPBE010
Operating
direction
With Ground Terminal type
0.4
0.8
2
1
4
3
1.6
3.5
4.85
Push position
2.2
5
0.6
2-¿0.8
Hole
Ground terminal land pattern is applicable to
Ground terminal type only.
Ground terminal land
FNot solderable type
(refer to notes)
Specification of Embossed Taping Package (Taping Packaging for Auto-insertion)
Plastic Reel
Reel Size
¿380
13.5
Unit:mm
1. Ground terminal is made of non-solderable material. In case extra solder paste is applied to
the gap between land and ground terminal, the recommended pattern and 0.15mm stencil
must be used.
2. For
φ330mm diameter reel requirements, please contact us.
3. Please place purchase orders for taping products per minimum order unit (1 reel or
a case).
Notes
5,000
Minimum order unit
(pcs.)
5,000
Minimum order unit
(pcs.)
5,000
50,000
50,000
12
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing


Similar Part No. - SKSC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKSC ALPS-SKSC Datasheet
798Kb / 3P
Soldering of the frame realizes higher solder strength
SKSCLAE010 ALPS-SKSCLAE010 Datasheet
737Kb / 4P
1.25mm Height Low-profile Side Push (Surface Mount Type)
SKSCLBE010 ALPS-SKSCLBE010 Datasheet
737Kb / 4P
1.25mm Height Low-profile Side Push (Surface Mount Type)
SKSCLCE010 ALPS-SKSCLCE010 Datasheet
737Kb / 4P
1.25mm Height Low-profile Side Push (Surface Mount Type)
SKSCLDE010 ALPS-SKSCLDE010 Datasheet
737Kb / 4P
1.25mm Height Low-profile Side Push (Surface Mount Type)
More results

Similar Description - SKSC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQR ALPS-SKQR Datasheet
180Kb / 3P
0.5mm Height Low-profile (Surface Mount Type)
SKRB ALPS-SKRB Datasheet
196Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRE ALPS-SKRE Datasheet
148Kb / 3P
1.5mm Height SidepushTM (Surface Mount Type)
SKRM ALPS-SKRM Datasheet
179Kb / 3P
0.4mm Height Low-profile (Surface Mount Type)
SKRT ALPS-SKRT Datasheet
149Kb / 3P
4.5횞3.55mm SidepushTM (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
SKRB ALPS-SKRB_15 Datasheet
773Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRM ALPS-SKRM_15 Datasheet
752Kb / 3P
0.4mm Height Low-profile (Surface Mount Type)
SKSC ALPS-SKSC_15 Datasheet
737Kb / 4P
1.25mm Height Low-profile Side Push (Surface Mount Type)
SKSH ALPS-SKSH Datasheet
779Kb / 3P
Low-profile (Surface Mount Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com