Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEE Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPEE
Description  Horizontal Type Double Action
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPEE Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPEE Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPEE Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPEE Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
84
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Style
PC board mounting hole dimensions
(Viewed from direction A)
A
B
C
Internal circuit
Circuit Diagram (Viewed from Direction A)
Out Put Chart
Dimensions
Unit:mm
A
Initial position
First position
Second position
Full travel
B
0.9
1.4
x
4.31
3.98
x
0.95
0.15
1.22
A
F terminals are solderling terminals for switch fixing only.
Do not conect with other circuits.
4.6
2
A
C
F
F
x
B
C
3.3
2
3.6
5
x
Horizontal Type Double Action
SPEE Series
1
2
SPEE120103
For PC board
(Reflow)
14,000
Product Line
Poles
Terminal type
Positions
Minimum order unit
(pcs.)
Product No.
Low-profile 0.7mm-travel type push switch.
Push Switch
20mA 5V DC/100
BA 3V DC
1st 1.75N
1st 0.3mm
2nd 1.1N
2nd 0.71mm
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Travel
Operating force
100,000cycles
Operating life
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
¿380
17.5
Unit:mm
3,500
7,000
14,000
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
1. Products other than those listed in the above chart are also available. Please contact us for details .
2. Please place purchase orders per minimum order unit (integer).
Notes


Similar Part No. - SPEE

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SPE-100 HANWHAVISION-SPE-100 Datasheet
248Kb / 2P
1CH H.264 Video Encoder
logo
PREMIER DEVICES, INC.
SPE-1001-25 PDI-SPE-1001-25 Datasheet
49Kb / 1P
SURFACE MOUNT 2-WAY SPLITTER
logo
Hanwha Vision Co., Ltd....
SPE-110 HANWHAVISION-SPE-110 Datasheet
234Kb / 3P
Network Video Encoder
SPE-110N HANWHAVISION-SPE-110N Datasheet
234Kb / 3P
Network Video Encoder
SPE-110P HANWHAVISION-SPE-110P Datasheet
234Kb / 3P
Network Video Encoder
More results

Similar Description - SPEE

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-600 ALCOA-99-600 Datasheet
118Kb / 2P
Double Action, Blind Bolt
logo
Gamewell-FCI by Honeywe...
MS-7 GAMEWELL-FCI-MS-7 Datasheet
389Kb / 2P
Double action station
logo
ALPS ELECTRIC CO.,LTD.
SKSD ALPS-SKSD Datasheet
192Kb / 3P
4.1횞3.9mm Low-profile Double Action (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
SKSD ALPS-SKSD_15 Datasheet
669Kb / 3P
0.6mm low-profile, double action type
SKSK ALPS-SKSK Datasheet
781Kb / 3P
0.6mm Low-profile double action type
SKTC ALPS-SKTC Datasheet
784Kb / 3P
Compact, double action type with width of 2.2mm
logo
Tyco Electronics
408-4485 MACOM-408-4485 Datasheet
112Kb / 5P
Double Action Hand Tool
logo
SHINMEI ELECTRIC CO., L...
TSW-27 SHINMEI-TSW-27 Datasheet
122Kb / 3P
Multifunction Switches (Double Action Type TactileLever)
logo
TE Connectivity Ltd
C-90120 TEC-C-90120 Datasheet
67Kb / 1P
DOUBLE ACTIon HAND TOOL
A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com