Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV604PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604PWPR
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV604PWPR Datasheet HTML 6Page - Texas Instruments DRV604PWPR Datasheet HTML 7Page - Texas Instruments DRV604PWPR Datasheet HTML 8Page - Texas Instruments DRV604PWPR Datasheet HTML 9Page - Texas Instruments DRV604PWPR Datasheet HTML 10Page - Texas Instruments DRV604PWPR Datasheet HTML 11Page - Texas Instruments DRV604PWPR Datasheet HTML 12Page - Texas Instruments DRV604PWPR Datasheet HTML 13Page - Texas Instruments DRV604PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
R
in
R
in
R
fb
R
fb
+
-
C
in
C
in
- In
+ In
R
in
R
fb
+
-
C
in
- In
R
in
R
fb
R
x
+
-
C
x
C
in
+ In
Differential
Input
Inverting
Non
Inverting
DRV604
SLOS659 – JANUARY 2010
www.ti.com
Decoupling Capacitors
The DRV604 is a DirectPath™ amplifier that requires adequate power supply decoupling to ensure that the noise
and total harmonic distortion (THD) are low. A good low equivalent-series-resistance (ESR) ceramic capacitor,
typically 1µF, placed as close as possible to the device PVDD leads works best. Placing this decoupling
capacitor close to the DRV604 is important for the performance of the amplifier. For filtering lower frequency
noise signals, a 10µF or greater capacitor placed near the audio power amplifier would also help, but it is not
required in most applications because of the high PSRR of this device.
Gain Setting Resistors Ranges
The gain setting resistors, Rin and Rfb, must be chosen so that noise, stability and input capacitor size of the
DRV604 is kept within acceptable limits. Voltage gain is defined as Rfb divided by Rin. Selecting values that are
too low demands a large input ac-coupling capacitor, CIN. Selecting values that are too high increases the noise
of the amplifier. Table 1 lists the recommended resistor values for different gain settings.
Table 1. Recommended Resistor Values
INPUT RESISTOR
FEEDBACK RESISTOR
DIFFERENTIAL
INVERTING INPUT
NON INVERTING
VALUE, Rin
VALUE, Rfb
INPUT GAIN
GAIN
INPUT GAIN
10 k
Ω
10 k
Ω
1.0 V/V
–1.0 V/V
2.0 V/V
10 k
Ω
15 k
Ω
1.5 V/V
–1.5 V/V
2.5 V/V
10 k
Ω
20 k
Ω
2.0 V/V
–2.0 V/V
3.0 V/V
4.7 k
Ω
47 k
Ω
10.0 V/V
–10.0 V/V
11.0 V/V
Figure 14. Differential, Inverting and Non-inverting Gain Configuration
Internal and External Under Voltage Detection and RESET Output
The DRV604 contains an internal precision band gap reference voltage and 2 comparators, one is used to
monitor the supply voltages, PVDD_LD and PVDD_HP, and the other to monitor an external user selectable
voltage on pin 25. The internal PVDD monitor is set at 2.8 V with 200 mV hysteresis.
The external under voltage detection can be used to shutdown the DRV604 before an input device can make a
pop. The shutdown threshold at the Ex_UVP pin is 1.25 V. A resistor divider is used to obtain the shutdown
threshold and hysteresis desired for the application.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com