Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPVG211300 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVG211300
Description  2mm-thick Two-way Operation Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVG211300 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVG211300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Power
55
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Product No.
SPVG110301
SPVG111500
SPVG111400
SPVG120302
SPVG130200
SPVG210302
SPVG211200
SPVG211300
SPVG220300
SPVG230200
SPVG310300
SPVG320200
SPVG330200
SPVG410300
SPVG420200
SPVG430200
Product Line
Poles
Positions
Location
lug
Operating
direction
Terminal
type
Drawing
No.
1
1
1
2
3
4
1
5
6
7
8
5
9
10
With
Without
Without
With
Without
With
Without
With
Minimum
order unit
(pcs)
10,000
Side
terminal
With both sides.
With a right side.
With a left side.
Without
With both sides.
With a right side.
With a left side.
Without
With both sides.
Without
With both sides.
Without
With both sides.
For
PC board
(Reflow)
9
11
12
11
Right
Left
Right
Left
2mm-thick Two-way Operation Type
SPVG Series
A surface mountable two-way operation detector switch with 2mm height.
Detector Switch
Standard
Short
Lever
length
Operating life
50mA 20V DC/100
BA 3V DC
0.4N max.
500m
Ωmax./1Ωmax.
100,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
100,000cycles
(50mA 20V DC)
Without load
With load
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
¿380
17.4
Unit:mm
2,500
5,000
10,000
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
Please place purchase orders per minimum order unit (integer).
Note


Similar Part No. - SPVG211300

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
SPV SENSATA-SPV Datasheet
202Kb / 2P
SPV & SPC ENCODER INTERFACE MODULES
logo
KITAGAWA GmbH
SPV KGS-SPV Datasheet
92Kb / 1P
3W/m·K silicone thermal pad for high operating temperature applications
logo
Mean Well Enterprises C...
SPV-150 MEANWELL-SPV-150 Datasheet
320Kb / 3P
150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
339Kb / 3P
150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
320Kb / 3P
150W Single Output with PFC Function
More results

Similar Description - SPVG211300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVM ETC2-SPVM Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
One-way Operation Type
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVN ALPS-SPVN Datasheet
236Kb / 4P
Low-profile Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVN ALPS-SPVN_15 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SPVT ALPS-SPVT Datasheet
1Mb / 5P
1.9mm-thick Two-way Operation Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com