| Electronic Components Datasheet Search |
|
STM32-PRIMER Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32-PRIMER Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() Data Brief For further information contact your local STMicroelectronics sales office. October 2008 Rev 2 1/3 3 STM32-PRIMER STM3210B-PRIMER Raisonance STM32 Primers for fun, easy evaluation and development with STM32 Features ■ STM32 Primer2 with STM32F103E (512 Kbytes Flash) and STM32 Primer with STM32F103B (128 Kbytes Flash): – In-circuit debugging/programming via dedicated USB connection to the host PC – Ergonomic design, MEMs-based controls tactile display, Joystick – Evaluation features including USB connector and MEMs sensor. ■ In addition, Primer2 includes: – 128x160 pixel touch screen TFT display – Codec-based audio record and playback – Micro SD card – IrDA transceiver – 20-pin connector with SPI, I2C, USART, CAN and analog/digital IOs – Li-Ion battery with smart loading control for improved current management and extended battery life. ■ In addition, Primer includes: – 128x128 pixel color LCD – buzzer and IrDA transceiver footprint. ■ Ride7 development software toolset with project manager, editor and high-level language debugging (up to 32 Kbytes of code). ■ GNU C/C++ compiler, no code size limitations. ■ CircleOS task scheduler for dynamic loading and management of new applications. ■ C source code for all sample applications and libraries including: – MEMs (GUI application controls) – TFT display (touch screen, graphical interface, games, bitmap converter) – Audio record and playback (Primer2) – And more to come. ■ Dedicated online community and resources at the stm32circle web site. Description The STM32 Primers from Raisonance are a uniquely fun, easy, low-risk solution for exploring and developing applications for the STM32 ARM Cortex™-M3 core-based microcontrollers. When running the applications, the Primers can operate in standalone mode powered by a battery (with power management circuit on the Primer2), which is recharged via the USB connection with a host PC. The Primers include everything that users need to better understand the STM32’s peripheral implementation and operation. Start exploring the power of the STM32 by playing with the included applications. The STM32 drives the fun, ergonomic hardware platform that combines a TFT graphical display with MEMs- based controls, (plus tactile screen and joystick with the Primer2) for navigating and controlling the GUI and game applications. Table 1. Order codes Part number Order code STM32-PRIMER STM3210B-PRIMER STM3210E-PRIMER STM3210B-PRIMER Obsolete Primer 2 Primer with STM32F103E with STM32F103B www.st.com |
Similar Part No. - STM32-PRIMER |
|
Similar Description - STM32-PRIMER |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |