Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1105WL Datasheet(PDF) 12 Page - ams AG

Part # AS1105WL
Description  Serially Interfaced, 4-Digit LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105WL Datasheet(HTML) 12 Page - ams AG

Back Button AS1105WL Datasheet HTML 7Page - ams AG AS1105WL Datasheet HTML 8Page - ams AG AS1105WL Datasheet HTML 9Page - ams AG AS1105WL Datasheet HTML 10Page - ams AG AS1105WL Datasheet HTML 11Page - ams AG AS1105WL Datasheet HTML 12Page - ams AG AS1105WL Datasheet HTML 13Page - ams AG AS1105WL Datasheet HTML 14Page - ams AG AS1105WL Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
www.austriamicrosystems.com
Revision 1.34
12 - 15
AS1105
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Cascading Drivers
The AS1105 can be cascaded as well. The DOUT pin must be connected to the DIN pin of the following AS1105.
Computing Power Dissipation
The upper limit for power dissipation (PD) for the AS1105 is determined from the following equation:
PD = (VDD x 0.5mA) + (VDD - VLED)(DUTY x ISEG x N)
(EQ 1)
Where:
VDD = supply voltage
DUTY = duty cycle set by intensity register
N = number of segments driven (worst case is 4)
VLED = LED forward voltage
ISEG = segment current set by RSET
Dissipation Example:
ISEG = 40mA, N = 4, DUTY = 31/32, VLED = 1.8V at 40mA, VDD = 5.25V
PD = 5.25V(0.5mA) + (5.25V - 1.8V)(31/32 x 40mA x 4) = 0.54W
Thus, for a SO package
θJA = +85ºC/W (see Table 13), the maximum allowed ambient temperature TA is given by:
TJ,MAX = TA + PD x θJA = 150ºC = TA +0.54W x 85ºC/W
(EQ 2)
Where: TA = +104ºC
Table 16. Package Thermal Resistance Data
Package
Thermal Resistance (
θJA)
20 Wide SO
+85°C/W
Maximum Junction Temperature (TJ) = +150°C
Maximum Ambient Temperature (TA) = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com