Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1106 Datasheet(PDF) 2 Page - ams AG

Part # AS1106
Description  8-Digit LED Display Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106 Datasheet(HTML) 2 Page - ams AG

  AS1106_1 Datasheet HTML 1Page - ams AG AS1106_1 Datasheet HTML 2Page - ams AG AS1106_1 Datasheet HTML 3Page - ams AG AS1106_1 Datasheet HTML 4Page - ams AG AS1106_1 Datasheet HTML 5Page - ams AG AS1106_1 Datasheet HTML 6Page - ams AG AS1106_1 Datasheet HTML 7Page - ams AG AS1106_1 Datasheet HTML 8Page - ams AG AS1106_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.austriamicrosystems.com
Revision 2.24
2 - 20
AS1106, AS1107
Data Sheet - Pi nout
4 Pinout
Pin Assignments
Figure 2. DIP and SO Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin
Name
Pin
Number
Description
DIN
1
Serial-Data Input. Data is loaded into the internal 16-bit shift register on the
rising edge of pin CLK.
DIG 0:DIG 7
2, 3, 5, 6,
7, 8, 10, 11
Digit Drive Lines. 8 Eight-digit drive lines that sink current from the display
common cathode. The AS1106 pulls the digit outputs to VDD when turned
off. The AS1107 digit drivers are high-impedance when turned off.
GND
4, 9
Ground. Both GND pins must be connected.
LOAD/CSN
12
Load-Data Input (AS1106 only). The last 16 bits of serial data are latched
on the rising edge of this pin.
Chip-Select Input (AS1107 or AS1106 SPI-enabled only). Serial data is
loaded into the shift register while this pin is low. The last 16 bits of serial
data are latched on the rising edge of this pin.
CLK
13
Serial-Clock Input. 10MHz maximum rate. Data is shifted into the internal
shift register on the rising edge of this pin. Data is clocked out of pin DOUT
on the falling edge of this pin. On the AS1107 or AS1106 SPI-enabled, the
CLK input is active only while LOAD/CSN is low.
SEG A:SEG G, SEG DP
14, 15, 16,
17, 20, 21,
22, 23
Seven Segment and Decimal Point Drive Lines. 8 seven-segment drives
and decimal point drive that source current to the display. On the AS1106,
when a segment driver is turned off it is pulled to GND. The AS1107
segment drivers are high-impedance when turned off.
ISET
18
Set Segment Current. Connect to VDD through RSET to set the peak
segment current (see Selecting RSET Resistor Value and Using External
Drivers on page 14).
VDD
19
Positive Supply Voltage. Connect to +2.7 to +5.5V supply.
DOUT
24
Serial-Data Output. The data into pin DIN is valid at pin DOUT 16.5 clock
cycles later. This pin is used to daisy-chain several AS1106/AS1107 devices
and is never high-impedance.
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
DOUT
SEG D
SEG DP
SEG E
SEG C
VDD
ISET
SEG G
SEG B
SEG F
SEG A
CLK
DIN
DIG 0
DIG 4
GND
DIG 6
DIG 2
DIG 3
DIG 7
GND
DIG 5
DIG 1
LOAD/CSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com