Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRGP30 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRGP30
Description  Low-profile and Hollow Shaft Surface Mount Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRGP30 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRGP30 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRGP30 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRGP30 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Encoder
Type
Potentiometer
Type
450
Hollow Shaft
Type Devices
Low-profile and Hollow Shaft Surface Mount Type
SRGP30 Series
10mA 5V DC/50
BA 3V DC
50,000cycles min.
Rating
(max.)
/
(min.)
(Resistive load)
1V max. at 1mA 5V DC
(Resistive load)
Output voltage
Items
Specifications
Operating life
Without
resistor
With resistor
50,000cycles min.
Typical Specifications
Product Line
5
±2.5
18
9
SRGP300100
Product No.
Detent torque
(mN・m)
Number of
detent
Number of
pulse
Reflow
Soldering
1.600
Minimum order unit
(pcs.)
TACT switch
TM adaptable hollow center adds flexibility in multifunctioning the set.
Hollow Shaft Type Devices
1. Please contact us for automotive use products.
2. Order products in N minimum order units
(1 reel or 1 case).
Notes
19.1
14.4
12
ø1.6
Ground
1
c
22
1
Dimensions
Unit:mm
PC board mounting
hole and land dimensions
10
ø17
A
17.5
8
7.2
2-2
ø7
.6
A
2-1.2
2.3
1.3
1.3
1.5
12
ø9
A-A
11.2
10.4
Style
(40゚)
T1 T2
T3
T4
T
(20゚)
Detent positon
ON
OFF
T1, T3=1 / 4T
±1 / 8T
ON
OFF
Phase difference of code portion
T2, T4=Phase difference shall not be reversed
2
1
Clockwise
Counter-clockwise
Taping Specification (Taping Packeging)
Reel Size
¿380
33.4
Unit:mm
400
800
1,600
32
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/
Japan
1 case
/export
packing


Similar Part No. - SRGP30

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
logo
Gulf Semiconductor
SRGP10Q GULFSEMI-SRGP10Q Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1200V CURRENT: 1.0A
logo
ALPS ELECTRIC CO.,LTD.
SRGP200200 ALPS-SRGP200200 Datasheet
124Kb / 3P
Hollow Shaft Type
SRGP40 ALPS-SRGP40 Datasheet
155Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
SRGP400100 ALPS-SRGP400100 Datasheet
155Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
More results

Similar Description - SRGP30

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E Datasheet
207Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E Datasheet
108Kb / 2P
10mm Size Hollow Shaft Type
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
SRGP40 ALPS-SRGP40 Datasheet
155Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E_15 Datasheet
731Kb / 3P
10mm Size Hollow Shaft Type
logo
TE Connectivity Ltd
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
HOLLOW SHAFT RESOLVER
2367237-1 TEC-2367237-1 Datasheet
138Kb / 2P
HOLLOW SHAFT RESOLVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com