Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7878 Datasheet(PDF) 48 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 44Page - Analog Devices ADE7878 Datasheet HTML 45Page - Analog Devices ADE7878 Datasheet HTML 46Page - Analog Devices ADE7878 Datasheet HTML 47Page - Analog Devices ADE7878 Datasheet HTML 48Page - Analog Devices ADE7878 Datasheet HTML 49Page - Analog Devices ADE7878 Datasheet HTML 50Page - Analog Devices ADE7878 Datasheet HTML 51Page - Analog Devices ADE7878 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
ADE7878
Rev. 0 | Page 48 of 92
Table 16 presents the settling time for the fundamental reactive
power measurement, which is the time it takes the power to
reflect the value at the input of theADE7878.
Table 16. Settling Time for Fundamental Reactive Power
Input Signals
63% Full Scale
100% Full Scale
375 ms
875 ms
Reactive Power Gain Calibration
The average reactive power from the LPF output in each phase
can be scaled by ±100% by writing to the phase’s VAR gain 24-bit
register (AVARGAIN[23:0], BVARGAIN[23:0], CVARGAIN[23:0],
AFVARGAIN[23:0], BFVARGAIN[23:0], or CFVARGAIN[23:0]).
The xVARGAIN registers are placed in each phase of the total
reactive power datapath. The xFVARGAIN registers are placed in
each phase of the fundamental reactive power datapath. The
xVARGAIN registers are twos complement signed registers and
have a resolution of 2−23/LSB. The function of the xVARGAIN
registers is expressed by
⎛ +
×
=
23
2
1
2
gister
Re
xVARGAIN
Output
LPF
Power
Reactive
Average
(35)
The output is scaled by –50% by writing 0xC00000 to the
xVARGAIN registers and increased by +50% by writing
0x400000 to them. These registers can be used to calibrate the
reactive power (or energy) gain in the ADE7878 for each phase.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. Similar
to registers presented in Figure 32, the AVARGAIN,
BVARGAIN, CVARGAIN, AFVARGAIN, BFVARGAIN, and
CFVARGAIN 24-bit signed registers are accessed as 32-bit
registers with the four MSBs padded with 0s and sign extended
to 28 bits.
Reactive Power Offset Calibration
The ADE7878 provides a reactive power offset register on
each phase and on each reactive power. The AVAROS[23:0],
BVAROS[23:0], and CVAROS[23:0] registers compensate the
offsets in the total reactive power calculations, whereas the
AFVAROS[23:0], BFVAROS[23:0], and CFVAROS[23:0]
registers compensate offsets in the fundamental reactive power
calculations. These are signed twos complement 24-bit registers
that are used to remove offsets in the reactive power
calculations. An offset can exist in the power calculation due to
crosstalk between channels on the PCB or in the chip itself. The
offset calibration allows the contents of the reactive power
register to be maintained at 0 when no reactive power is being
consumed. The offset resolution of the registers is the same as
for the active power offset registers (see the Active Power Offset
Calibration section).
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. Similar
to registers presented in Figure 32, the AVAROS, BVAROS, and
CVAROS 24-bit signed registers are accessed as 32-bit registers
with the four MSBs padded with 0s and sign extended to 28 bits.
Sign of Reactive Power Calculation
Note that the reactive power is a signed calculation. Table 17
summarizes the relationship between the phase difference between
the voltage and the current and the sign of the resulting reactive
power calculation.
The ADE7878 has a sign detection circuitry for reactive power
calculations. It can monitor the total reactive powers or the
fundamental reactive powers. As described in the Reactive
Energy Calculation section, the reactive energy accumulation is
executed in two stages. Every time a sign change is detected in
the energy accumulation at the end of the first stage, that is,
after the energy accumulated into the 48-bit accumulator
reaches the VARTHR[47:0] register threshold, a dedicated
interrupt is triggered. The sign of each phase reactive power can
be read in the PHSIGN[15:0] register. Bit 7 (REVRPSEL) in the
ACCMODE[7:0] register sets the type of reactive power being
monitored. When REVRPSEL is 0, the default value, the total
reactive power is monitored. When REVRPSEL is 1, then the
fundamental reactive power is monitored.
Bits[12:10] (REVRPC, REVRPB, and REVRPA, respectively)
in the STATUS0[31:0] register are set when a sign change
occurs in the power selected by Bit 7 (REVRPSEL) in the
ACCMODE[7:0] register.
Bits[6:4] (CVARSIGN, BVARSIGN, and AVARSIGN, respectively)
in the PHSIGN[15:0] register are set simultaneously with the
REVRPC, REVRPB, and REVRPA bits. They indicate the sign of
the reactive power. When they are 0, the reactive power is
positive. When they are 1, the reactive power is negative.
Bit REVRPx in the STATUS0[31:0] register and Bit xVARSIGN
in the PHSIGN[15:0] register refer to the reactive power of
Phase x, the power type being selected by Bit REVRPSEL in
ACCMODE[7:0] register.
Setting Bits[12:10] in the MASK0[31:0] register enables the
REVRPC, REVRPB, and REVRPA interrupts, respectively. If
enabled, the IRQ0 pin is set low and the status bit is set to 1
whenever a change of sign occurs. To find the phase that
triggered the interrupt, the PHSIGN[15:0] register is read
immediately after reading the STATUS0[31:0] register. Next, the
status bit is cleared and the IRQ0 pin is set to high by writing to
the STATUS0 register with the corresponding bit set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com