Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5587 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5587
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5587 Datasheet HTML 2Page - Analog Devices ADP5587 Datasheet HTML 3Page - Analog Devices ADP5587 Datasheet HTML 4Page - Analog Devices ADP5587 Datasheet HTML 5Page - Analog Devices ADP5587 Datasheet HTML 6Page - Analog Devices ADP5587 Datasheet HTML 7Page - Analog Devices ADP5587 Datasheet HTML 8Page - Analog Devices ADP5587 Datasheet HTML 9Page - Analog Devices ADP5587 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP5587
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NOTES
1. EXPOSED PAD MUST BE CONNECTED TO GROUND.
1
R7
2
R6
3
R5
4
R4
5
R3
6
R2
15 C6
16 C7
17 C8
18 C9
14 C5
13 C4
TOP VIEW
(Not to Scale)
ADP5587
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
R7
GPIO, Row 7 in the Keypad Matrix.
2
R6
GPIO, Row 6 in the Keypad Matrix.
3
R5
GPIO, Row 5 in the Keypad Matrix.
4
R4
GPIO, Row 4 in the Keypad Matrix.
5
R3
GPIO, Row 3 in the Keypad Matrix.
6
R2
GPIO, Row 2 in the Keypad Matrix.
7
R1
GPIO, Row 1 in the Keypad Matrix.
8
R0
GPIO, Row 0 in the Keypad Matrix.
9
C0
GPIO, Column 0 in the Keypad Matrix.
10
C1
GPIO, Column 1 in the Keypad Matrix.
11
C2
GPIO, Column 2 in the Keypad Matrix.
12
C3
GPIO, Column 3 in the Keypad Matrix.
13
C4
GPIO, Column 4 in the Keypad Matrix.
14
C5
GPIO, Column 5 in the Keypad Matrix.
15
C6
GPIO, Column 6 in the Keypad Matrix.
16
C7
GPIO, Column 7 in the Keypad Matrix.
17
C8
GPIO, Column 8 in the Keypad Matrix.
18
C9
GPIO, Column 9 in the Keypad Matrix.
19
GND
Ground.
20
RST
Hardware Reset (Active Low). This pin resets the device to the power default conditions. The reset pin must
be driven low for a minimum of 50 μs to be valid and to prevent false resets due to ESD glitches or noise in
the system. If not used, RST must be tied high with a pull-up resistor.
21
VCC
Supply Voltage, 1.7 V to 3.6 V.
22
SDA
I2C Serial Data (Open Drain Requires External Pull-Up Resistor).
23
SCL
I2C Clock.
24
INT
Processor Interrupt, Active Low, Open Drain. This pin can be pulled up to 2.7 V or 1.8 V for selection flexibility
in the processor GPIO supply group.
EP
EPAD
Exposed Pad. The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com