Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSCM Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCM
Description  Compact Two-way Detection Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCM Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSCM Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCM Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSCM Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power
48
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Poles
1
2
1.57
Positions
Product No.
Total travel
(mm)
With
Without
Location lug
For PC board
(Reflow)
Terminal type
SSCM110100
SSCM120100
Product Line
Low-profile 1.5mm body with detection from both left/right directions.
Style
Unit:mm
Dimensions
1. Above dimensions indicate "with location lug" version.
2. Please place purchase orders per minimum order unit (integer).
Notes
ba
3
4
2
1
b
a
3
14
2
Terminal LayoutViewed from Direction A
Circuit Diagram
4.35
2.4
6.05
PC board mounting hole and land dimensions
(Viewed from direction A)
1.8
R0.1
21.9û
5
Frame
On starting position
Terminal No.1
Total travel position
Center of rotation
1.5
0.4
1.4
0.6
5.56
2.4
A
Operating life
1mA 5V DC/50
BA 3V DC
0.35N max.
2
Ω max./5Ω max.
50,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After
operating life
Operating force
50,000cycles
(1mA 5V DC)
Without load
With load
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
¿380
17.5
Unit:mm
3,000
6,000
12,000
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
Compact Two-way Detection Type
SSCM Series
Detector Switch


Similar Part No. - SSCM

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCM110100 ALPS-SSCM110100 Datasheet
851Kb / 3P
Compact Two-way Detection Type
SSCM120100 ALPS-SSCM120100 Datasheet
851Kb / 3P
Compact Two-way Detection Type
logo
Sensortechnics GmbH
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
Temperature compensated silicon stainless steel pressure sensors
logo
Honeywell Solid State E...
SSCMAND001PD2A3 HONEYWELL-SSCMAND001PD2A3 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSCMAND001PD2A5 HONEYWELL-SSCMAND001PD2A5 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
More results

Similar Description - SSCM

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SSCF ALPS-SSCF Datasheet
236Kb / 3P
Two-way Detection Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SSCF ALPS-SSCF_15 Datasheet
962Kb / 4P
Two-way Detection Type
SSCL ALPS-SSCL Datasheet
1Mb / 3P
Two-way Detection Type with Female Connector Terminal
SSCM ALPS-SSCM_15 Datasheet
851Kb / 3P
Compact Two-way Detection Type
SSCQ ALPS-SSCQ Datasheet
1Mb / 3P
Compact Two-way, Two-step Detection Type
SSCW ALPS-SSCW_15 Datasheet
826Kb / 3P
Two-way Detection Type with Female Connector Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com