Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1108 Datasheet(PDF) 14 Page - ams AG

Part # AS1108
Description  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108 Datasheet(HTML) 14 Page - ams AG

Back Button AS1108_1 Datasheet HTML 10Page - ams AG AS1108_1 Datasheet HTML 11Page - ams AG AS1108_1 Datasheet HTML 12Page - ams AG AS1108_1 Datasheet HTML 13Page - ams AG AS1108_1 Datasheet HTML 14Page - ams AG AS1108_1 Datasheet HTML 15Page - ams AG AS1108_1 Datasheet HTML 16Page - ams AG AS1108_1 Datasheet HTML 17Page - ams AG AS1108_1 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.austriamicrosystems.com
Revision 2.11
14 - 19
AS1108
Data Sheet - Ty p i c a l A p p l i c a t i o n
20
17.7k
Ω
17.3k
Ω
16.6k
Ω
15.6k
Ω
13.6k
Ω
10
36.89k
Ω
35.7k
Ω
34.5k
Ω
32.5k
Ω
29.1k
Ω
Table 23. RSET vs. Segment Current and LED Forward Voltage, VDD = 5.0V
ISEG (mA)
VLED (V)
1.5
2.0
2.5
3.0
3.5
4.0
40
11.35k
Ω
11.12k
Ω
10.84k
Ω
10.49k
Ω
10.2k
Ω
9.9k
Ω
30
15.4k
Ω
15.1k
Ω
14.7k
Ω
14.4k
Ω
13.6k
Ω
13.1k
Ω
20
23.6k
Ω
23.1k
Ω
22.6k
Ω
22k
Ω
21.1k
Ω
20.2k
Ω
10
48.9k
Ω
47.8k
Ω
46.9k
Ω
45.4k
Ω
43.8k
Ω
42k
Ω
Table 24. Package Thermal Data
Package
Thermal Resistance (
ΘJA)
20 Narrow DIP
+75°C/W
20 Wide SOIC
+85°C/W
Table 22. RSET vs. Segment Current and LED Forward Voltage, VDD = 4.0V (Continued)
ISEG (mA)
VLED(V)
1.5
2.0
2.5
3.0
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com