Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1109 Datasheet(PDF) 24 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 24 Page - ams AG

Back Button AS1109_1 Datasheet HTML 18Page - ams AG AS1109_1 Datasheet HTML 19Page - ams AG AS1109_1 Datasheet HTML 20Page - ams AG AS1109_1 Datasheet HTML 21Page - ams AG AS1109_1 Datasheet HTML 22Page - ams AG AS1109_1 Datasheet HTML 23Page - ams AG AS1109_1 Datasheet HTML 24Page - ams AG AS1109_1 Datasheet HTML 25Page - ams AG AS1109_1 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
24 - 26
AS1109
Data Sheet - P a c k age Drawin gs an d Ma rkings
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters; angles in degrees.
3. N is the total number of terminals.
4. The terminal #1 identifier and terminal numbering convention shall conform to JEDEC 95 SPP-012. Details of termi-
nal #1 identifier are optional but must be located within the zone indicated. The terminal #1 identifier may be either
a mold or marked feature.
5. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip. If one end
of the terminal has the optional radius, the b dimension should not be measured in that radius area.
6. Dimensions ND and NE refer to the number of terminals on each D and E side, respectively.
7. Depopulation is possible in a symmetrical fashion.
8. Figure 27 is shown for illustration only and does not represent any specific variation.
9. All variations may be constructed per Figure 27, however variations may alternately be constructed between square
or rectangle shape per dimensions D and E.
10. Refer to the Dimensions Table for a complete set of dimensions.
11. Bilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals.
12. Depending on the method of lead termination at the edge of the package, pullback (L1) may be present. L minus
L1 to be
≥ 0.33mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com