Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1108WL Datasheet(PDF) 8 Page - ams AG

Part # AS1108WL
Description  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108WL Datasheet(HTML) 8 Page - ams AG

Back Button AS1108WL Datasheet HTML 4Page - ams AG AS1108WL Datasheet HTML 5Page - ams AG AS1108WL Datasheet HTML 6Page - ams AG AS1108WL Datasheet HTML 7Page - ams AG AS1108WL Datasheet HTML 8Page - ams AG AS1108WL Datasheet HTML 9Page - ams AG AS1108WL Datasheet HTML 10Page - ams AG AS1108WL Datasheet HTML 11Page - ams AG AS1108WL Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.austriamicrosystems.com
Revision 2.11
8 - 19
AS1108
Data Sheet - D e t a i l e d D e s c r i p t i o n
Shutdown Mode
The AS1108 features a shutdown mode, consuming only 10µA (max) current. Shutdown mode is entered via a write to
the Shutdown Register (see Table 8). At that point, all segment current sources are pulled to ground and all digit driv-
ers are connected to VDD, so that all segments are blanked.
Note: During shutdown mode the Digit-Registers maintain their data.
Shutdown mode can either be used as a means to reduce power consumption or for generating a flashing display
(repeatedly entering and leaving shutdown mode). For minimum supply current in shutdown mode, logic input should
be at GND or VDD (CMOS logic level).
The device needs typically 250µs to exit shutdown mode, and during shutdown mode the AS1108 is fully programma-
ble. Only the display test mode (see page 10) overrides shutdown mode.
When entering or leaving shutdown mode, the Feature Register is reset to its default values (all 0s) when Shutdown
Register bit D7 (page 9) = 0. When bit D7 = 1, the Feature Register is left unchanged when entering or leaving shut-
down mode.
Note: If the AS1108 is used with an external clock, Shutdown Register bit D7 should be set to 1 when writing to the
Shutdown Register.
Digit- and Control-Registers
The AS1108 contains four Digit-Registers and six control-registers, which are listed in Table 7. All registers are
selected using a 4-bit address word, and communication is done via the serial interface.
!
Digit Registers – These registers are realized with an on-chip 32-bit memory. Each digit can be controlled directly
without rewriting the whole register contents.
!
Control Registers – These registers consist of decode mode, display intensity, number of scanned digits, shut-
down, display test and features selection registers.
Table 7. Register Address Map
Register
HEX Code
Address
Page
D15:D12
D11
D10
D9
D8
No-Op
0xX0
X
000
0
12
Digit 0
0xX1
X
0
0
0
1
N/A
Digit 1
0xX2
X
0
0
1
0
N/A
Digit 2
0xX3
X
0
0
1
1
N/A
Digit 3
0xX4
X
0
1
0
0
N/A
Decode-Mode
0xX9
X
1
0
0
1
9
Intensity Control
0xXA
X
1
0
1
0
11
Scan Limit
0xXB
X
1
0
1
1
11
Shutdown
0xXC
X
1
1
0
0
9
N/A
0xXD
X
110
1
N/A
Feature
0xXE
X
1
1
1
0
12
Display Test
0xXF
X
1
1
1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com