Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1112B Datasheet(PDF) 5 Page - ams AG

Part # AS1112B
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112B Datasheet(HTML) 5 Page - ams AG

  AS1112B Datasheet HTML 1Page - ams AG AS1112B Datasheet HTML 2Page - ams AG AS1112B Datasheet HTML 3Page - ams AG AS1112B Datasheet HTML 4Page - ams AG AS1112B Datasheet HTML 5Page - ams AG AS1112B Datasheet HTML 6Page - ams AG AS1112B Datasheet HTML 7Page - ams AG AS1112B Datasheet HTML 8Page - ams AG AS1112B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.austriamicrosystems.com
Revision 1.06
5 - 18
AS1112
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
7 Electrical Characteristics
VCC = +3.0 to +5.5V, TAMB = -40 to +85ºC. Typical values are at TAMB = 25°C, VCC = 5V (unless otherwise specified).
Table 6. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOH
High-Level Output Voltage
IOH = -1mA, SDO
VCC -
0.5
V
VOL
Low-Level Output Voltage
IOL = 1mA, SDO, XERR
0.5
V
I
Input Current
VIN = VCC or GND; Pins OEN, TEST,
GSCLK, CLK, SDI, LD
-1
1
µA
VIN = VCC; pin MODE, PD
100
VIN = GND; pin MODE, PD
-1
1
ICC
Supply Current
All outputs off, RIREF = 10k
Ω
1.2
3
mA
All outputs off, RIREF = 1.3k
Ω
410
All outputs on, RIREF = 1.3k
Ω
15
20
All outputs on, RIREF = 640
Ω
30
40
IPD
Power Down Current
40
nA
ICOC
Constant Output Current
All outputs on, VOUT = 2V,
RIREF = 640
Ω
54
61
69
mA
ILEAK
Leakage Output Current
All outputs off, VOUT = 15V,
RIREF = 640
Ω, OUT0:OUT15
20
nA
ΔICOC
Constant Current Error
VOUT = 2V, RIREF = 640
Ω,
OUT0:OUT15
±3
±4.5
%
VOUT = 2V, RIREF = 480
Ω,
OUT0:OUT15
±3
±4.5
Device to device, average current
from OUT0:OUT15, RIREF = 1920
Ω
(20 mA)
±3
±4.5
Device to device, average current
from OUT0:OUT15,
RIREF = 480
Ω (80 mA)
±3
±4.5
ΔILNR
Line Regulation
VOUT = 2V, RIREF = 640
Ω
OUT0:OUT15
±1
±2.5
%/V
VOUT = 2V, RIREF = 480
Ω
OUT0:OUT15
±1
±2.5
ΔILDR
Load Regulation
VOUT = 2 to 4V, RIREF = 640
Ω,
OUT0:OUT15
±0.1
±0.5
%/V
VOUT = 2 to 4V, RIREF = 480
Ω,
OUT0:OUT15
±0.1
±0.5
TTEF
Thermal Error Flag Threshold
Junction temperature
1
1. Specified by design. Not tested.
150
ºC
TTWF
Thermal Warn Flag Threshold
Junction temperature
1
125
ºC
VLSD
LED Short Detection
Threshold
VCC = 5V
3.6
V
VLOD
LED Open Detection
Threshold
0.3
0.4
V
VIREF
Reference Voltage Output
RIREF = 640
Ω
1.20
1.24
1.28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com