Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1116 Datasheet(PDF) 16 Page - ams AG

Part # AS1116
Description  64 LED Driver with Detailed Error Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1116 Datasheet(HTML) 16 Page - ams AG

Back Button AS1116 Datasheet HTML 12Page - ams AG AS1116 Datasheet HTML 13Page - ams AG AS1116 Datasheet HTML 14Page - ams AG AS1116 Datasheet HTML 15Page - ams AG AS1116 Datasheet HTML 16Page - ams AG AS1116 Datasheet HTML 17Page - ams AG AS1116 Datasheet HTML 18Page - ams AG AS1116 Datasheet HTML 19Page - ams AG AS1116 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.austriamicrosystems.com
Revision 1.04
16 - 20
AS1116
Datasheet - Ty p i c a l A p p l i c a t i o n
8x8 Dot Matrix Mode
The application example in Figure 20 shows the AS1116 in the 8x8 LED dot matrix mode.
The LED columns have common cathodes and are connected to the DIG0:7 outputs. The rows are connected to the
segment drivers. Each of the 64 LEDs can be addressed separately. The columns are selected via the digits as listed
in Table 7 on page 9.
The Decode Enable Register (see page 10) must be set to ‘00000000’ as described in Table 9 on page 10. Single
LEDs in a column can be addressed as described in Table 12 on page 11, where bit D0 corresponds to segment G and
bit D7 corresponds to segment DP.
Note:
For a multiple-digit dot matrix, multiple AS1116 devices can be cascaded easily.
Figure 20. Application Example as LED Dot Matrix Driver
Supply Bypassing and Wiring
In order to achieve optimal performance the AS1116 should be placed very close to the LED display to minimize effects
of electromagnetic interference and wiring inductance.
Furthermore, it is recommended to connect a 10µF electrolytic and a 0.1µF ceramic capacitor between pins VDD and
GND to avoid power supply ripple (see Figure 20 on page 16).
AS1116
I/O
I/O
I/O
VDD
ISET
SDI
LD
GND
SCL
2.7 to 5V
9.53k
Ω
µP
I/O
Diagnostic
readback: open
& shorted LEDs
SDO
Diode Arrangement
DIG0 to
DIG7
SEG A to G
SEP DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com