Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1321 Datasheet(PDF) 11 Page - ams AG

Part # AS1321
Description  130mA Step-Up DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1321 Datasheet(HTML) 11 Page - ams AG

Back Button AS1321 Datasheet HTML 5Page - ams AG AS1321 Datasheet HTML 6Page - ams AG AS1321 Datasheet HTML 7Page - ams AG AS1321 Datasheet HTML 8Page - ams AG AS1321 Datasheet HTML 9Page - ams AG AS1321 Datasheet HTML 10Page - ams AG AS1321 Datasheet HTML 11Page - ams AG AS1321 Datasheet HTML 12Page - ams AG AS1321 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
11 - 13
AS1321
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The AS1321 is available in a 6-pin SOT23 package.
Figure 19. 6-pin SOT23 Package
Symbol
Min
Max
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.35
0.50
C
0.08
0.20
D
2.80
3.00
E
2.60
3.00
E1
1.50
1.75
L
0.35
0.55
e0.95 REF
α
10º
Notes:
1. All dimensions are in millimeters.
2. Foot length is measured at the intercept point between datum
A and lead surface.
3. Package outline exclusive of mold flash and metal burr.
4. Pin 1 is the lower left pin when reading the top mark from left
to right.
5. Pin 1 identifier dot is 0.3mm.
φ min and is located above pin 1.
6. Meets JEDEC MO178.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com