Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1322 Datasheet(PDF) 7 Page - ams AG

Part # AS1322
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1322 Datasheet(HTML) 7 Page - ams AG

Back Button AS1322 Datasheet HTML 3Page - ams AG AS1322 Datasheet HTML 4Page - ams AG AS1322 Datasheet HTML 5Page - ams AG AS1322 Datasheet HTML 6Page - ams AG AS1322 Datasheet HTML 7Page - ams AG AS1322 Datasheet HTML 8Page - ams AG AS1322 Datasheet HTML 9Page - ams AG AS1322 Datasheet HTML 10Page - ams AG AS1322 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com
Revision 1.07
7 - 17
AS1322
Data Sheet - Deta iled Description
8 Detailed Description
The AS1322/AS1322B can operate from a single-cell input voltage (VIN) below 1V, and feature fixed frequency
(1.2MHz) and current mode PWM control for exceptional line- and load-regulation. With low RDS(ON) and gate charge
internal NMOS and PMOS switches, the devices maintain high-efficiency from light to heavy loads.
Modern portable devices frequently spend extended time in low-power or standby modes, switching to high power-
drain only when certain functions are enabled. The AS1322A and the AS1322B are ideal for portable devices since
they maintain high-power conversion efficiency over a wide output power range, thus increasing battery life in these
types of devices.
In addition to high-efficiency at moderate and heavy loads, the AS1322A includes an automatic powersave mode that
improves efficiency of the power converter at light loads. The powersave mode is initiated if the output load current
falls below a factory programmed threshold (see Figure 3 on page 5).
Note: The AS1322B does not support powersave mode and provides continuous operation at light loads, eliminating
low-frequency VOUT ripple at the expense of light load efficiency.
Figure 15. Block Diagram
Low-Voltage Start-Up
The AS1322 requires VIN of only 0.85V (typ) or higher to start up. The low-voltage start-up circuitry controls the internal
NMOS switch up to a maximum peak inductor current of 850mA (typ), with 1.5ms (approx.) off-time during start-up,
allowing the devices to start up into an output load.
With a VOUT > 2.3V, the start-up circuitry is disabled and normal fixed-frequency PWM operation is initiated. In this
mode, the AS1322 operates independent of VIN, allowing extended operating time as the battery can drop to several
tenths of a volt without affecting output regulation. The limiting factor for the application is the ability of the battery to
supply sufficient energy to the output.
AS1322
+
Start Up
OSC
PWM
Control
A/B
MUX
Slope
Compensator
1.2MHz
Ramp
Generator
+
Powersave
Operation
Control
Shutdown
Control
PWM
Comp
Σ
+
1.23V
Ref
Sync Drive
Control
A
B
VOUT
Good
2.3V
gm Error
Amp
Shutdown
Powersave
0.35
Ω
0.45
Ω
R2
640k
Ω
1%
R1
1.02M
Ω
1%
CFF*
COUT
4.7µF
3.3V
Output
CIN
1µF
1.5V
Single
Cell
* Optional
Current
Sense
RC
80k
Ω
CP2
2.5pF
CC
150pF
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT
L1
4.7µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com