Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1325 Datasheet(PDF) 10 Page - ams AG

Part # AS1325
Description  300mA Step-Up DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1325 Datasheet(HTML) 10 Page - ams AG

Back Button AS1325 Datasheet HTML 6Page - ams AG AS1325 Datasheet HTML 7Page - ams AG AS1325 Datasheet HTML 8Page - ams AG AS1325 Datasheet HTML 9Page - ams AG AS1325 Datasheet HTML 10Page - ams AG AS1325 Datasheet HTML 11Page - ams AG AS1325 Datasheet HTML 12Page - ams AG AS1325 Datasheet HTML 13Page - ams AG AS1325 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
10 - 17
AS1325
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1325 is a high-efficiency, compact step-up converter with 35µA quiescent supply current which ensures the
highest efficiency over a wide load range. With a minimum of +1.5V input voltage, the device is well suited for applica-
tions with one- or two-cells, such as lithium ion (Li+), nickel-metal-hydride (NiMH), or alkaline.
Figure 27. Block Diagram
The input battery is connected to the device through an inductor and an internal P-FET when pin SHDNN is low. In this
state, the step-up converter is off and the voltage drop across the P-FET body diode is eliminated, and the input bat-
tery can be used as a battery-backup or real-time-clock supply.
The built-in synchronous rectifier significantly improves efficiency.
Control Circuitry
The AS1325 integrated current-limited key circuitry provides low quiescent current and extremely-high efficiency over
a wide VOUT range without the need for an oscillator.
Light Loads:
Inductor current is limited by the 0.4A N-channel current limit or by the 7µs switch maximum on-time. The lower current
limit reduces the ripple of the output voltage. At each cycle, the inductor current must ramp down to zero before the
next cycle may start. When the error comparator senses that the output has fallen below the regulation threshold,
another cycle begins.
Higher Loads:
If after the first light load cycle the output voltage has not reached its target value of 3.3V or 5.0V, the inductor current
limit is increased to 0.7A. After the P-channel minimum on-time the next loading cycle is started if the output voltage is
still below its target value. If the target value is reached, the inductor current must ramp down to zero before the next
cycle may start. When the error comparator senses that the output has fallen below the regulation threshold, another
load cycle begins (see Figure 13 on page 7 and Figure 25 on page 9).
+5.0V Output only
VREF
Zero
Crossing
Detector
AS1325
Driver
and
Control
Logic
Startup
Circuitry
10µH
+1.5 to +3.3V or
+1.5 to +5.0V
Battery
Current
Limiter
+1.228V
CIN
22µF
+
–
+
–
+1.1V
+3.3 or
+5.0V
Output
COUT
22µF
4
LX
2
BATT
6
RESETN
1
SHDNN
5
OUT
GND
3
Anti-
Ring-
ing
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com