Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1339 Datasheet(PDF) 18 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 18 Page - ams AG

Back Button AS1339 Datasheet HTML 14Page - ams AG AS1339 Datasheet HTML 15Page - ams AG AS1339 Datasheet HTML 16Page - ams AG AS1339 Datasheet HTML 17Page - ams AG AS1339 Datasheet HTML 18Page - ams AG AS1339 Datasheet HTML 19Page - ams AG AS1339 Datasheet HTML 20Page - ams AG AS1339 Datasheet HTML 21Page - ams AG AS1339 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
18 - 25
AS1339
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
The AS1339 is designed to supply power amplifiers for RF applications. The output power of the PA can directly be
controlled via the output voltage of the AS1339. Figure 50 shows a typical application.
Figure 50. Typical Application Diagram
Capacitor Selection for Step-Down Converter
Input Capacitor
To reduce the current peaks drawn from the battery or power source and to reduce the switching noise in the device an
input capacitor is highly recommended. At the switching frequency the impedance of the capacitor should be very low.
It’s recommended to use a X5R or X7R dielectric multilayer ceramic capacitor due to their small size, low ESR and
small temperature coefficients. For most applications a 4.7µF capacitor is sufficient. To decrease the interfering noise
and to lower the input ripple the capacitor value can be set higher (e.g. 10µF).
Output Capacitor
To ensure a stable loop regulation and a small output voltage ripple a low impedance capacitor should be used. It’s
recommended to use a X5R or X7R dielectric multilayer ceramic capacitor due to their small size, low ESR and small
temperature coefficients. For most applications a 4.7µF capacitor is sufficient. To achieve a better load-transient perfor-
mance and to decrease the output ripple the capacitor value can be set higher (e.g. 10µF).
Table 6. Recommended Capacitors for the Step-Down Converter
Name
Part Number
C
Voltage
Type
Size
Manufacturer
CIN1, COUT
GRM21BR60J106KE01
10µF
6.3V
X5R
0805
Murata
www.murata.com
GRM21BR61C475KA88
4.7µF
16V
X5R
0805
C0603C475K8PAC7867
4.7µF
10V
X5R
0603
KEMET
www.kemet.com
BIAS
IN
PA1
BIAS
IN
PA2
BASEBAND
PROCESSOR
GPIO
GPIO
GPIO
DAC
+
PA_EN
EN1
EN2
TEST
IN2
REFIN
IN1B
IN1A
Li+ Battery
LDO2
LDO1
AGND
NC
PGND
LX
PAB
PAA
2.2µH
COUT
CLDO1
Not
Connected
CLDO2
RFIN
RFOUT
RFIN
RFOUT
CIN2
AS1339



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com