Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1352 Datasheet(PDF) 8 Page - ams AG

Part # AS1352
Description  Programmable Quad LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1352 Datasheet(HTML) 8 Page - ams AG

Back Button AS1352_1 Datasheet HTML 2Page - ams AG AS1352_1 Datasheet HTML 3Page - ams AG AS1352_1 Datasheet HTML 4Page - ams AG AS1352_1 Datasheet HTML 5Page - ams AG AS1352_1 Datasheet HTML 6Page - ams AG AS1352_1 Datasheet HTML 7Page - ams AG AS1352_1 Datasheet HTML 8Page - ams AG AS1352_1 Datasheet HTML 9Page - ams AG AS1352_1 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.austriamicrosystems.com
Revision 1.31
8 - 10
AS1352
Data Sheet - Pa ckage Drawings and Mark ings
3. N is the total number of terminals.
4. The terminal #1 identifier and terminal numbering convention shall conform to JEDEC 95 SPP-012. Details of termi-
nal #1 identifier are optional but must be located within the zone indicated. The terminal #1 identifier may be either
a mold or marked feature.
5. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip. If one end
of the terminal has the optional radius, the b dimension should not be measured in that radius area.
6. Dimensions ND and NE refer to the number of terminals on each D and E side, respectively.
7. Depopulation is possible in a symmetrical fashion.
8. Figure 4 is shown for illustration only and does not represent any specific variation.
9. All variations may be constructed per Figure 4, however variations may alternately be constructed between square
or rectangle shape per dimensions D and E.
10. Refer to the Dimensions Table for a complete set of dimensions.
11. Bilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals.
12. Depending on the method of lead termination at the edge of the package, pullback (L1) may be present. L minus
L1 to be
≥ 0.33mm.
13. For variations with more than one lead count for a given body size and terminal pitch, each lead count for that vari-
ation is denoted by a dash number (e.g., -1 or -2).
12-pin QFN 4x4 Dimensions
Symbol
Min
Nom
Max
Notes
aaa
0.15
1, 2
bbb
0.10
1, 2
ccc
0.10
1, 2
ddd
0.05
1, 2
b
0.25
0.30
0.35
1, 2
e0.80
A
0.80
0.90
1.00
1, 2
A1
0.00
0.02
0.05
1, 2
A3
0.20
REF
1, 2
L1
0.03
0.15
1, 2
D BSC
4.00
1, 2, 10
E BSC
4.00
1, 2, 10
D2
2.00
2.15
2.25
1, 2, 10
E2
2.00
2.15
2.25
1, 2, 10
L
0.45
0.55
0.65
1, 2, 10
N
12
1, 2, 10
ND
3
1, 2, 10
NE
3
1, 2, 10
16-pin QFN 3x3 Dimensions
Symbol
Min
Nom
Max
Notes
aaa
0.15
1, 2
bbb
0.10
1, 2
ccc
0.10
1, 2
ddd
0.05
1, 2
b
0.18
0.25
0.30
1, 2
e0.50
A
0.80
0.90
1.00
1, 2
A1
0.00
0.02
0.05
1, 2
A3
0.20
REF
1, 2
L1
0.03
0.15
1, 2
D BSC
3.00
1, 2, 10
E BSC
3.00
1, 2, 10
D2
1.30
1.45
1.55
1, 2, 10
E2
1.30
1.45
1.55
1, 2, 10
L
0.30
0.40
0.50
1, 2, 10
N
16
1, 2, 10
ND
4
1, 2, 10
NE
4
1, 2, 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com