Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1364 Datasheet(PDF) 12 Page - ams AG

Part # AS1364
Description  1A, Low-Dropout Linear Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 12 Page - ams AG

Back Button AS1364 Datasheet HTML 7Page - ams AG AS1364 Datasheet HTML 8Page - ams AG AS1364 Datasheet HTML 9Page - ams AG AS1364 Datasheet HTML 10Page - ams AG AS1364 Datasheet HTML 11Page - ams AG AS1364 Datasheet HTML 12Page - ams AG AS1364 Datasheet HTML 13Page - ams AG AS1364 Datasheet HTML 14Page - ams AG AS1364 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
www.austriamicrosystems.com
Revision 1.05
12 - 15
AS1364
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Capacitor Selection and Regulator Stability
Input and output capacitors are required for stable operation of the AS1364 over the full temperature range and with
load currents up to 1A. Connect CIN and COUT as close to the AS1364 as possible to minimize the impact of PC board
trace inductance.
Input Capacitor
For CIN, a 4.7µF capacitor between IN and ground is sufficient. CIN reduces the source impedance of the input supply
and may be smaller than 4.7µF if powered from regulated power supplies or low-impedance batteries. Larger input
capacitor values and lower ESR provide better noise rejection and line-transient response.
Output Capacitor
A 4.7µF low-ESR capacitor between OUT and ground is sufficient for COUT. The output capacitor’s ESR affects stabil-
ity and output noise. An output capacitors with an ESR of 0.5
Ω or less is recommended to ensure stability and opti-
mum transient response. Reduced output noise and improve load-transient response, stability, and power-supply
rejection by using large output capacitors with low ESR.
Noise, PSRR, and Transient Response
AS1364 output noise is typically 10µVRMS (100Hz to 100kHz) or 45µVRMS (10Hz to 1MHz) during normal operation.
This is suitably low for most applications (see Figure 10 on page 7).
The AS1364 is designed to achieve extremly low dropout voltage and low quiescent current in battery-powered sys-
tems while still maintaining excellent noise performance, transient response, and PSRR. See the Figure 11 on page 7
for a plot of power-supply rejection ratio (PSRR) versus frequency.
When operating from very noisy sources, the factory preset variants a recommanded since they offer improved noise
performance over the adjustable variants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com