Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1524 Datasheet(PDF) 8 Page - ams AG

Part # AS1524
Description  150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1524 Datasheet(HTML) 8 Page - ams AG

Back Button AS1524_1 Datasheet HTML 4Page - ams AG AS1524_1 Datasheet HTML 5Page - ams AG AS1524_1 Datasheet HTML 6Page - ams AG AS1524_1 Datasheet HTML 7Page - ams AG AS1524_1 Datasheet HTML 8Page - ams AG AS1524_1 Datasheet HTML 9Page - ams AG AS1524_1 Datasheet HTML 10Page - ams AG AS1524_1 Datasheet HTML 11Page - ams AG AS1524_1 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.austriamicrosystems.com
Revision 1.02
8 - 22
AS1524/AS1525
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VDD = 5V; VREF = 2.5V, fSCLK = 8MHz(50% duty), CREF = 4.7µF, TAMB = +25ºC (unless otherwise specified).
Figure 5. Integral Nonlinearity vs. Digital Output Code
Figure 6. Differential Nonlinearity vs. Digital Output Code
Figure 7. Supply Current vs. Supply Voltage
Figure 8. Supply Current vs. Temperature
Figure 9. Supply Current vs. Temperature, VDD = 3V
Figure 10. Supply Current vs. Sampling Rate
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1024
2048
3072
4096
Digital Output Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1024
2048
3072
4096
Digital Output Code
fSAMPLE = 150ksps
fSAMPLE = 150ksps
0
50
100
150
200
250
300
350
400
450
500
-45 -30 -15
0
15
30
45 60
75
90
Temperature (°C)
150ksps
100ksps
10ksps
1ksps
0
100
200
300
400
500
600
2.7
3.2
3.7
4.2
4.7
5.2
Supply Voltage (V)
fSAMPLE = 150ksps
0
40
80
120
160
200
240
280
320
360
-45 -30 -15
0
15
30
45 60
75
90
Temperature (°C)
150ksps
100ksps
10ksps
1ksps
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
Sampling Rate (ksps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com