Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1528 Datasheet(PDF) 17 Page - ams AG

Part # AS1528
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528 Datasheet(HTML) 17 Page - ams AG

Back Button AS1528 Datasheet HTML 13Page - ams AG AS1528 Datasheet HTML 14Page - ams AG AS1528 Datasheet HTML 15Page - ams AG AS1528 Datasheet HTML 16Page - ams AG AS1528 Datasheet HTML 17Page - ams AG AS1528 Datasheet HTML 18Page - ams AG AS1528 Datasheet HTML 19Page - ams AG AS1528 Datasheet HTML 20Page - ams AG AS1528 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
www.austriamicrosystems.com
Revision 1.02
17 - 21
AS1528/AS1529
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Table 6. SSPCON Register Settings
Control Bit
AS1528/AS1529
Setting
Synchronous Serial Port Control Register (SSPCON)
WCOL
Bit 7
X
Write Collision Detection Bit
SSPOV
Bit 6
X
Receive Overflow Detect Bit
SSPEN
Bit 5
1
Synchronous Serial Port Enable
0: Disables serial port and configures these pins as I/O port pins.
1: Enables serial port and configures SCK, SDO, and SCI pins as serial port
pins.
CKP
Bit 4
0
Clock Polarity Select Bit. CKP = 0 for SPI master mode selection.
SSPM3:1
Bit 3:1
0
Synchronous Serial Port Mode Select Bit. Sets SPI master mode and
selects FCLK = fOSC / 16.
SSPM0
Bit 0
1
Table 7. SSPSTAT Register Settings
Control Bit
AS1528/AS1529
Setting
Synchronous Serial Status Register (SSPSTAT)
SMP
Bit 7
0
SPI Data Input Sample Phase. Input data is sampled at the middle of the
data output time.
CKE
Bit 6
1
SPI Clock Edge Select Bit. Data is transmitted on the rising edge of the
serial clock.
D/A
Bit 5
X
Data Address Bit
PBit 4
X
Stop Bit
SBit 3
X
Start Bit
R/W
Bit 2
X
Read/Write Bit Information
UA
Bit 1
X
Update Address
BF
Bit 0
X
Buffer Full Status Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com