Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1530-T Datasheet(PDF) 10 Page - ams AG

Part # AS1530-T
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530-T Datasheet(HTML) 10 Page - ams AG

Back Button AS1530-T Datasheet HTML 6Page - ams AG AS1530-T Datasheet HTML 7Page - ams AG AS1530-T Datasheet HTML 8Page - ams AG AS1530-T Datasheet HTML 9Page - ams AG AS1530-T Datasheet HTML 10Page - ams AG AS1530-T Datasheet HTML 11Page - ams AG AS1530-T Datasheet HTML 12Page - ams AG AS1530-T Datasheet HTML 13Page - ams AG AS1530-T Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 29
AS1530/AS1531
Data Sheet - El ectrical Characte ristics
Figure 3. DOUT Enable-Time Load Circuits
Figure 4. DOUT Disable-Time Load Circuits
tDOV
SCLK Rise to DOUT Valid
CLOAD = 20pF
100
ns
tSTV
SCLK Rise to SSTRB Valid
CLOAD = 20pF
100
ns
tDOD
CSN Rise to DOUT Disable
CLOAD = 20pF
13
85
ns
tSTD
CSN Rise to SSTRB Disable
CLOAD = 20pF
13
85
ns
tDOE
CSN Fall to DOUT Enable
CLOAD = 20pF
85
ns
tSTE
CSN Fall to SSTRB Enable
CLOAD = 20pF
85
ns
tCSW
CSN Pulse Width High
100
ns
Table 6. AS1531 Timing Characteristics – (Figures 3, 4, 21, 23; VDD1 = VDD2 = VDD3 = +2.7 to +3.6V; TAMB = TMIN to
TMAX (unless otherwise specified). (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOAD
20pF
CLOAD
20pF
6k
Ω
GND
DGND
DOUT
DOUT
High-impedance to VOH and VOL to VOH
VDD2
High-impedance to VOL and VOH to VOL
6k
Ω
DGND
6k
Ω
CLOAD
20pF
CLOAD
20pF
6k
Ω
DGND
GND
DGND
DOUT
DOUT
VOH to high-impedance
VDD2
VOL to high-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com