Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1704 Datasheet(PDF) 14 Page - ams AG

Part # AS1704
Description  1.8W Single-Channel Audio Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1704 Datasheet(HTML) 14 Page - ams AG

Back Button AS1704 Datasheet HTML 10Page - ams AG AS1704 Datasheet HTML 11Page - ams AG AS1704 Datasheet HTML 12Page - ams AG AS1704 Datasheet HTML 13Page - ams AG AS1704 Datasheet HTML 14Page - ams AG AS1704 Datasheet HTML 15Page - ams AG AS1704 Datasheet HTML 16Page - ams AG AS1704 Datasheet HTML 17Page - ams AG AS1704 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.austriamicrosystems.com
Revision 1.47
14 - 20
AS1702 - AS1705
Data Sheet - Ap p lica tio n In fo r m a tio n
If the internal power dissipation exceeds the maximum allowed for a given package, power dissipation should be
reduced by increasing the ground plane heat-sinking capabilities and increasing the size of the device traces (see Lay-
out and Grounding Considerations on page 15). Additionally, reducing VCC, increasing load impedance, and decreas-
ing ambient temperature can reduce device power dissipation.
The integrated thermal-overload protection circuitry limits the total device power dissipation. Note that if the junction
temperature is
≥ +145ºC, the integrated thermal-overload protection circuitry will disable the amplifier output stage. If
the junction temperature is reduced by 9°, the amplifiers will be re-enabled.
Note:
A pulsing output under continuous thermal overload results as the device heats and cools.
Fixed Differential Gain (AS1703, AS1704, and AS1705)
The AS1703, AS1704, and AS1705 contain different internally-fixed gains (see Ordering Information on page 19). A
fixed gain facilitates simplified designs, decreased footprint size, and elimination of external gain-setting resistors.
The fixed gain values are achieved using resistors R1 and R2 (see Figure 31 on page 12).
Adjustable Differential Gain (AS1702)
Gain-Setting Resistors
The AS1702 uses external feedback resistors, RF and RIN (Figure 33), to set the gain of the device as:
where AV is the desired voltage gain. For example, RIN = 10k
Ω, RF = 20kΩ yields a gain of 2V/V, or 6dB.
Note:
RF can be either fixed or variable, allowing the gain to be controlled by software (using a AS150x digital poten-
tiometer. For more information on the AS1500 family of digital potentiometers, refer to the latest version of the
AS150x data sheet, available from the austriamicrosystems website http://www.austriamicrosystems.com.)
Figure 33. Setting the AS1702 Gain
AV =
RIN
(EQ 7)
RF
AS1702
+
–
RF
20k
Ω
RF
20k
Ω
Bias
Generator
Inverting
Differential Input
Non-Inverting
Differential Input
CIN*
10µF
CIN*
10µF
RIN
10k
Ω
RIN
10k
Ω
* Optional
CBIAS
0.1µF
10
OUT+
2
IN-
6
OUT-
4
IN+
5
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com