Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1710A Datasheet(PDF) 7 Page - ams AG

Part # AS1710A
Description  High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1710A Datasheet(HTML) 7 Page - ams AG

Back Button AS1710A Datasheet HTML 3Page - ams AG AS1710A Datasheet HTML 4Page - ams AG AS1710A Datasheet HTML 5Page - ams AG AS1710A Datasheet HTML 6Page - ams AG AS1710A Datasheet HTML 7Page - ams AG AS1710A Datasheet HTML 8Page - ams AG AS1710A Datasheet HTML 9Page - ams AG AS1710A Datasheet HTML 10Page - ams AG AS1710A Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com
Revision 1.06
7 - 17
AS1710/AS1712
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Supply Current vs. Common-Mode Voltage
Figure 10. Input Voltage Noise vs. Frequency
Figure 11. Output Voltage vs. Output Current, sourcing
Figure 12. Output Voltage vs. Output Current, sinking
Figure 13. Output Swing High vs. Temperature
Figure 14. Output Swing Low vs. Temperature
0
0.5
1
1.5
2
2.5
3
01
2
3
45
Common-Mode Voltage (V)
2.7V
5V
1
10
100
1000
0.001
0.1
10
1000
Frequency (kHz)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
50
100
150
200
250
Output Current (mA)
2.7V
5V
t<1s
t>10s
t>10s
t<1s
0
0.25
0.5
0.75
1
1.25
1.5
1.75
0
50
100
150
200
Output Current (mA)
2.7V
5V
t>10s
t<1s
t>10s
t<1s
40
50
60
70
80
90
100
-45
-20
5
30
55
80
105
130
Temperature (°C)
40
50
60
70
80
90
100
-45
-20
5
30
55
80
105
130
Temperature (°C)
10mA
200
Ω
10mA
200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com