Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1742 Datasheet(PDF) 12 Page - ams AG

Part # AS1742
Description  High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1742 Datasheet(HTML) 12 Page - ams AG

Back Button AS1742 Datasheet HTML 7Page - ams AG AS1742 Datasheet HTML 8Page - ams AG AS1742 Datasheet HTML 9Page - ams AG AS1742 Datasheet HTML 10Page - ams AG AS1742 Datasheet HTML 11Page - ams AG AS1742 Datasheet HTML 12Page - ams AG AS1742 Datasheet HTML 13Page - ams AG AS1742 Datasheet HTML 14Page - ams AG AS1742 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
www.austriamicrosystems.com
Revision 1.78
12 - 15
AS1741
Data Sheet - Pa ckage Drawings and Mark ings
10 Package Drawings and Markings
The devices are available in an 8-pin MSOP package and an 8-pin SOT23 package.
Figure 18. 8-pin MSOP Package
Notes:
1. All dimensions are in millimeters, angles in degrees, unless otherwise specified.
2. Datums B and C to be determined at datum plane H.
3. Dimensions D and E1 are to be determined at datum plane H.
4. Dimensions D2 and E2 are for top package; dimensions D and E1 are for bottom package.
5. Cross section A-A to be determined at 0.13 to 0.25mm from lead tip.
6. Dimensions D and D2 do not include mold flash, protrusion, or gate burrs.
7. Dimensions E1 and E2 do not include interlead flash or protrusion.
Symbol
Typ
±Tol
Symbol
Typ
±Tol
A
1.10
Max
b
0.33
+0.07/-0.08
A1
0.10
±0.05
b1
0.30
±0.05
A2
0.86
±0.08
c
0.18
±0.05
D
3.00
±0.10
c1
0.15
+0.03/-0.02
D2
2.95
±0.10
θ1
3.0º
±3.0º
E
4.90
±0.15
θ2
12.0º
±3º
E1
3.00
±0.10
θ3
12.0º
±3º
E2
2.95
±0.10
L
0.55
±0.15
E3
0.51
±0.13
L1
0.95BSC
-
E4
0.51
±0.13
aaa
0.10
-
R
0.15
+0.15/-0.08
bbb
0.08
-
R1
0.15
+0.15/-0.08
ccc
0.25
-
t1
0.31
±0.08
e
0.65 BSC
-
t2
0.41
±0.08
S
0.525 BSC
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com