Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1901 Datasheet(PDF) 5 Page - ams AG

Part # AS1901
Description  Ultra Low-Power uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1901 Datasheet(HTML) 5 Page - ams AG

  AS1901_1 Datasheet HTML 1Page - ams AG AS1901_1 Datasheet HTML 2Page - ams AG AS1901_1 Datasheet HTML 3Page - ams AG AS1901_1 Datasheet HTML 4Page - ams AG AS1901_1 Datasheet HTML 5Page - ams AG AS1901_1 Datasheet HTML 6Page - ams AG AS1901_1 Datasheet HTML 7Page - ams AG AS1901_1 Datasheet HTML 8Page - ams AG AS1901_1 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.austriamicrosystems.com
Revision 1.51
5 - 9
AS1901, AS1902, AS1903
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Figure 3. Supply Current vs. Temperature
Figure 4. Power Down Reset Delay vs. Temp.
Figure 5. Power-Up Reset Timeout vs. Temperature
Figure 6. Max. Trans. Duration vs. Reset Th. Overdrive
0
0.1
0.2
0.3
0.4
0.5
-40
-15
10
35
60
85
Temperature(°C)
0
25
50
75
100
125
150
175
200
-40
-15
10
35
60
85
Temperature(°C)
VOD = 10mV
0
25
50
75
100
125
150
175
200
-40
-15
10
35
60
85
Temperature(°C)
0
25
50
75
100
125
150
175
200
1
10
100
1000
Reset Th. Overdrive VTH-VCC (mV)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com