Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1904C31 Datasheet(PDF) 1 Page - ams AG

Part # AS1904C31
Description  Ultra Low-Power uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1904C31 Datasheet(HTML) 1 Page - ams AG

  AS1904C31 Datasheet HTML 1Page - ams AG AS1904C31 Datasheet HTML 2Page - ams AG AS1904C31 Datasheet HTML 3Page - ams AG AS1904C31 Datasheet HTML 4Page - ams AG AS1904C31 Datasheet HTML 5Page - ams AG AS1904C31 Datasheet HTML 6Page - ams AG AS1904C31 Datasheet HTML 7Page - ams AG AS1904C31 Datasheet HTML 8Page - ams AG AS1904C31 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AS1904, AS1905, AS1906
Ultra Low-Power µP Supervisory Circuit
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.41
1 - 9
1 General Description
The AS1904/5/6 family is an ultra low-power supervisory
circuit device.
The device can be used to monitor the supply voltage of
digital systems and microprocessors and initiate a reset
when the voltage goes below a predefined threshold.
The duration of the reset is 5/20/100/500ms (typ.) after
the supply voltage has risen above the threshold.
The device exhibits excellent reliability and can reduce
application costs by eliminating all external components.
The device is available with different output drivers:
!
The AS1904 has a push-pull driver with an active low
reset.
!
The AS1905 uses the same output stage as the
AS1904, but has an active high reset.
!
The AS1906 has an open drain output with active low
reset.
All devices operate down to a voltage of 1V.
The reset thresholds are factory-trimmable between
2.2V and 3.08V in steps of approximately 100mV.
Each device of the AS1904/5/6 family is offered with four
time-out periods of 5/20/100/500ms.
The extremely low current consumption of only 150nA
(typ) at 3.3V makes the device ideal for use in portable
applications.
All devices are available in a 3-pin SOT23 package.
Figure 1. Functional Block Diagrams
2 Key Features
!
Low 150nA (typical) Supply Current
!
Precision Monitoring of 2.5-, 3-, and 3.3V-Power
Supplies
!
Supply Voltage Range 1.0 to 3.6V
!
Reset Threshold Available from 2.2 to 3.1V
!
Available in three Versions
- AS1904 Push-Pull RESETN
- AS1905 Push-Pull RESET
- AS1906 Open Drain RESETN
!
4 Time-Out Periods Ranging from 5 to 500ms
!
Detection Voltage Accuracy: ±1.5%
!
Temperature Range: -40 to +85°C
!
SOT23-3 Package
!
Superior Upgrade to austriamicrosystems
AS1901/2/3 Device Family
3 Applications
The devices are ideal for computers, intelligent instru-
ments, controllers, critical microprocessor and micro-
controller, power monitoring and portable/battery-
powered equipment.
VCC
AS1906
Microprocessor
VDD
GND
GND
RESETN
RESET I/O
VCC
1
2
3
VCC
AS1904
AS1905
Microprocessor
VDD
GND
GND
RESET,
RESETN
RESET
VCC
1
2
3
World's
Lowest
Power
Consu
mption
!


Similar Part No. - AS1904C31

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1904C31 AMSCO-AS1904C31 Datasheet
87Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1904C31 AMSCO-AS1904C31 Datasheet
639Kb / 10P
Ultra Low-Power P Supervisory Circuit
More results

Similar Description - AS1904C31

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
logo
Alliance Semiconductor ...
ASM161 ALSC-ASM161 Datasheet
245Kb / 9P
uP Supervisory Circuit
logo
ams AG
AS1901 AMSCO-AS1901 Datasheet
76Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1904 AMSCO-AS1904 Datasheet
87Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1901 AMSCO-AS1901_1 Datasheet
213Kb / 9P
Ultra Low-Power uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
logo
ams AG
AS1901 AMSCO-AS1901_04 Datasheet
673Kb / 10P
Ultra Low-Power P Supervisory Circuit
AS1904 AMSCO-AS1904_04 Datasheet
639Kb / 10P
Ultra Low-Power P Supervisory Circuit
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
uP Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com