Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1306DFR-3 Datasheet(PDF) 1 Page - Electronic Film Capacitors, Inc.

Part # 1306DFR-3
Description  Polyester (Mylar) and Foil Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1306DFR-3 Datasheet(HTML) 1 Page - Electronic Film Capacitors, Inc.

  1306DFR-3 Datasheet HTML 1Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lead Specs. - Tinned Copperweld
Epoxy Dipped
(Radial Leads)
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629 * E-Mail: efc@filmcapacitors.com * FAX (203) 755-0659
1306DFR-3
100 VDC
Cap.
µµµµµF
T
H
L
T
H
L
T
H
L
1306DFR
DIMENSIONS and RATINGS
T
H
L
ELECTRONIC FILM CAPACITORS, INC.
(All dimensions in millimeters)
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
L
S
Polyester
(Mylar)
and Foil
Capacitors
1306DFR-3
160 VDC
1306DFR-3
250 VDC
1306DFR-3
400 VDC
DIA.
4.0
4.0
4.0
4.0
4.0
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
5.0
5.0
5.5
6.0
6.5
5.0
5.5
6.0
6.5
7.5
8.5
8.0
8.5
9.0
9.5
9.0
9.5
10.5
12.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
13.5
13.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
4.0
4.0
4.0
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
5.0
5.5
6.0
5.0
5.5
5.5
6.0
6.5
7.5
8.0
8.5
8.0
8.5
9.0
9.5
9.5
10.0
11.0
12.5
13.0
15.0
8.0
8.0
8.0
8.0
8.0
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.5
10.0
11.0
12.5
10.0
10.5
11.0
12.0
12.5
13.5
14.0
16.0
14.0
15.5
16.5
18.0
18.0
20.0
21.0
22.0
24.0
26.0
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
13.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
31.0
4.0
4.0
4.0
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
5.0
5.5
6.0
5.0
5.5
5.5
6.0
6.5
7.0
7.5
8.5
8.0
8.5
9.0
9.5
9.5
10.0
11.0
12.0
13.0
13.0
14.5
14.5
8.0
8.0
8.0
8.5
8.5
9.0
9.0
9.0
9.0
9.0
9.0
9.0
10.0
11.0
12.0
10.0
10.5
11.0
12.0
12.5
13.0
14.0
15.5
14.0
15.5
16.5
18.0
18.0
20.0
21.0
22.0
24.0
24.0
26.0
26.0
4.0
4.0
4.5
4.5
4.5
4.5
4.5
4.5
5.0
5.5
5.5
6.0
6.5
5.5
6.0
6.5
7.5
8.0
8.5
7.5
8.0
8.5
9.0
9.5
9.5
10.0
11.5
12.5
13.0
13.5
15.0
14.0
15.0
16.5
18.0
8.0
9.0
9.0
9.0
9.0
9.0
9.5
9.5
10.0
10.5
11.0
12.0
12.5
11.0
12.0
12.5
13.5
14.0
15.5
13.5
14.0
15.5
16.5
18.0
18.0
19.0
20.0
22.0
23.0
25.0
27.0
25.0
27.0
30.0
32.0
10.5
10.5
10.5
10.5
10.5
10.5
10.5
13.0
13.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
36.0
36.0
36.0
44.0
44.0
44.0
44.0
1306DFR-3
630 VDC
1306DFR-3
4.0
4.0
4.5
4.5
5.0
5.5
6.0
6.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
7.5
8.5
9.0
9.5
9.0
9.5
10.0
10.5
11.5
14.0
13.0
15.0
16.0
16.0
16.5
18.0
T
H
L
9.0
9.0
9.5
9.5
10.0
11.0
12.0
12.5
10.0
11.0
12.0
12.5
13.0
13.5
14.5
13.5
15.5
16.5
18.0
16.5
17.0
19.0
20.0
22.0
24.0
23.0
26.0
28.0
28.0
30.0
32.0
10.5
10.5
10.5
13.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
31.0
36.0
36.0
36.0
44.0
44.0
44.0
4.5
4.5
5.0
5.5
5.5
6.0
5.5
6.0
6.0
7.0
7.5
8.0
9.0
8.0
8.5
9.0
9.5
10.0
10.0
10.5
12.0
12.5
15.0
13.5
15.0
14.5
16.0
9.0
9.5
10.0
11.0
11.5
12.5
11.0
11.5
12.5
13.0
14.0
14.5
16.5
14.0
15.5
16.5
18.0
19.0
19.0
20.0
22.0
23.0
27.0
24.0
27.0
26.0
28.0
13.0
13.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
36.0
36.0
44.0
44.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
8.5
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.0
9.5
10.0
11.0
12.0
12.5
10.0
11.0
12.0
12.5
13.5
15.5
14.0
15.5
16.5
18.0
16.5
18.0
20.0
24.0
EFC
1306DFR
10.5
7.5
0.6
13.0
10.0
0.6
18.5
15.0
0.8
26.0
22.5
0.8
31.0
27.5
0.8
44.0
38.0
1.0
1000 VDC
T
H
L
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
10.5
13.0
13.0
13.0
13.0
13.0
13.0
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
36.0
36.0
44.0
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
<
>
>
<
"L"
max
<
"H"
max
"T"
max
"S"


Similar Part No. - 1306DFR-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1306 ETC-1306 Datasheet
138Kb / 2P
200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
1306 VMI-1306 Datasheet
142Kb / 2P
200 V - 1,000 V Single Phase Bridge 4.5 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
JMK Inc.
1306 JMK-1306 Datasheet
74Kb / 1P
Operating voltage = 115/250 Vac Operating current = 20, 30 Amp
logo
Electronic Film Capacit...
1306 EFC-1306 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
logo
List of Unclassifed Man...
1306 ETC2-1306 Datasheet
448Kb / 4P
Hinged top panel for 352HL and 352HS
More results

Similar Description - 1306DFR-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
Polyester and Polypropylene Film/Foil Capacitors
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
Electronic Film Capacit...
1306 EFC-1306 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1306EC EFC-1306EC Datasheet
12Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EF EFC-1306EF Datasheet
12Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFRA EFC-1306EFRA Datasheet
14Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFRB EFC-1306EFRB Datasheet
15Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306TC EFC-1306TC Datasheet
12Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306TF EFC-1306TF Datasheet
13Kb / 1P
Polyester (Mylar) and Foil Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com