Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1925-BSTT-D07 Datasheet(PDF) 9 Page - ams AG

Part # AS1925-BSTT-D07
Description  Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1925-BSTT-D07 Datasheet(HTML) 9 Page - ams AG

Back Button AS1925-BSTT-D07 Datasheet HTML 4Page - ams AG AS1925-BSTT-D07 Datasheet HTML 5Page - ams AG AS1925-BSTT-D07 Datasheet HTML 6Page - ams AG AS1925-BSTT-D07 Datasheet HTML 7Page - ams AG AS1925-BSTT-D07 Datasheet HTML 8Page - ams AG AS1925-BSTT-D07 Datasheet HTML 9Page - ams AG AS1925-BSTT-D07 Datasheet HTML 10Page - ams AG AS1925-BSTT-D07 Datasheet HTML 11Page - ams AG AS1925-BSTT-D07 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.austriamicrosystems.com
Revision 1.00
9 - 12
AS1925/AS1926
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Interfacing to Bi-Directional Microprocessor Reset Pins
Because the RESETN output of the AS1926 is open drain, this device interfaces easily with microprocessors that have
bidirectional reset pins. Connecting the AS1926 RESETN output directly to the microprocessor RESETN pin with a
single pullup resistor allows either device to assert reset (Figure 11 on page 9).
Figure 11. Interfacing to Microprocessors with Bidirectional Reset Pins
Using the AS1926 Open-Drain RESETN Output with Multiple Supplies
In a typical application, the pullup resistor connected to the AS1926 connects to the voltage being monitored at pin
VCC. However, some systems use an open-drain output to level-shift from the monitored supply to reset circuitry pow-
ered by another supply (see Figure 12).
As VCC decreases, so does the ability of the AS1926 to sink current at RESETN. RESETN is pulled high as VCC
decreases toward 0V. The voltage where this occurs depends on the value of the pullup resistor and the supply voltage
to which it is connected.
Figure 12. AS1926 Open-Drain RESETN Output with Multiple Supplies
AS1926
CPU
VCC
GND
VCC
RESETN
GND
2
5
VCC
1
RESETN
+0.9V
AS1926
CPU
GND
+5.0V
RESETN
VCC
RPULLUP
GND
2
5
VCC
1
RESETN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com