Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2525Q Datasheet(PDF) 14 Page - ams AG

Part # AS2525Q
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525Q Datasheet(HTML) 14 Page - ams AG

Back Button AS2525Q Datasheet HTML 10Page - ams AG AS2525Q Datasheet HTML 11Page - ams AG AS2525Q Datasheet HTML 12Page - ams AG AS2525Q Datasheet HTML 13Page - ams AG AS2525Q Datasheet HTML 14Page - ams AG AS2525Q Datasheet HTML 15Page - ams AG AS2525Q Datasheet HTML 16Page - ams AG AS2525Q Datasheet HTML 17Page - ams AG AS2525Q Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 14 of 27
Dialing and Control Functions
Valid Keys
The key scanning is enabled in off-hook mode with VDD
above VREF. A valid key is detected from the keyboard by
connecting the appropriate row to the column (RON < 1
k
Ω). This can be done using an n x m keyboard matrix with
single contacts. Three diodes and a resistor are used to
extend the number of rows (see Figure 1: Keyboard
Layout).
PIN Code
A PIN code is available for protecting various user
settings. The default PIN code is set to 1111 and can be
change as follows:
1. Press [PG] to enter program mode
2. Press [1] + (PIN) + [0]
3. Key in new PIN code (valid digits: 0 - 9, #)
4. Key in new PIN code again
5. Press [PG] (= store and exit) or go on-hook to
abort
It is also possible to reset the PIN code through set-up
programming:
1. Press [PG] to enter program mode
2. Press [0] + (Password) + [#] + [0]
3. Press [1] to reset
4. Press [PG] (= store and exit) or go on-hook to
abort
Call Restriction
A call restriction function is accommodated. This function
can be activated using the PIN code. One or two digits can
be programmed to inhibit dialing starting with said digit(s).
If first digit(s) of a manual entered number or a number
retrieved from a memory matches the content of the call
restriction memory, dialing will be inhibited.
Storing digits for call restriction:
1. Press [PG] to enter program mode
2. Press [1] + (PIN) +
[∗]
[∗]
[∗]
[∗]
3. Press [1] for entering first digit of call restriction
or [2] for entering second digit
4. Key in digit for call restriction
5. Press [PG] (= store and exit) or go on-hook to
abort.
Example 1:
Prohibit all calls with numbers starting with 0.
Activate: [PG] + [1] + (PIN) + [1] + [0] + [PG]
Deactivate: [PG] + [1] + (PIN) + [1] + [MT] + [PG]
Example 2:
Prohibit all calls with numbers starting with 09 (numbers
starting with 00…, 01…, etc. will be allowed; pauses will be
ignored, i.e. numbers starting with 0 PS 9 … will be
prohibited).
Activate: [PG] + [1] + (PIN) + [1] + [0] + [PG] + [PG] + [2] +
(PIN) + [1] + [9] + [PG]
Deactivate: [PG] + [1] + (PIN) + [1] + [MT] + [PG] + [PG] +
[2] + (PIN) + [1] + [MT] + [PG]
Pressing the [MT] key in place of the digit during
programming will cancel said call restriction. The first and
second digit can be stored, changed or deleted
independent of each other.
Key Lock
A key lock function is provided to allow the user to protect
the telephone from any misuse. When this function is
available through the set-up programming, it is possible to
enable/disable the key lock using the user PIN code.
Enabling/disabling key lock:
1. Press [PG] to enter program mode
2. Press [1] +(PIN) + [#] + [6]
3. Press [1] for enable or [0] for disable
4. Press [PG] (= store and exit) or go on-hook to
abort
Also an easy key lock function is provided. This function
can be activated/deactivated when the key lock function is
available through set-up programming and the previous
mentioned key lock through PIN code is disabled.
Clear Memory Procedure
It is possible to clear all stored numbers by using the PIN
code as follows:
1. Press [PG] to enter program mode
2. Press [1] + (PIN) + [#] + [7]
3. Press [1] for clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com