Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2523F Datasheet(PDF) 12 Page - ams AG

Part # AS2523F
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523F Datasheet(HTML) 12 Page - ams AG

Back Button AS2523F Datasheet HTML 8Page - ams AG AS2523F Datasheet HTML 9Page - ams AG AS2523F Datasheet HTML 10Page - ams AG AS2523F Datasheet HTML 11Page - ams AG AS2523F Datasheet HTML 12Page - ams AG AS2523F Datasheet HTML 13Page - ams AG AS2523F Datasheet HTML 14Page - ams AG AS2523F Datasheet HTML 15Page - ams AG AS2523F Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Tone mode
This mode is used to send DTMF and FSK data to the line.
Speech mode is Tone mode (M1-M2;M3-M4 muted, Rx path muted, RO and LO active)
Parameter
AS2524
AS2524B
LI Voltage
4.5V
4.5V
LLC
No LLC
LLC high (45mA to 75mA)
Tone TX-Gain
+14dB
+14dB
Confidence tone
level
-36dB@Ro –15dB@Lo
relative to Pin LS
-36dB@Ro –15dB@Lo
relative to Pin LS
Loudhearing AS2524 and AS2524B (feature only available as DIE)
Speech mode is Loudhearing (M3-M4, RO active; LO activated).
Loudhearing can be activated via a bond-option (see document “AS2523/24 Delivery as Dice”).
Parameter
AS2524
AS2524B
LI Voltage
4.5V
4.5V
LLC
No LLC
LLC high (45mA to 75mA)
TX-Gain
+37dB
+43dB
RX-Gain
+7.5dB
+7.5dB
Tone
Off
Off
Slow_rec
On
On
RECV pin
Deactivated
Deactivated
Highpass
2000kHz (10nF from TXO->TXV)
2000kHz (10nF from TXO->TXV)
Voice switching speed
120ms/6dB
120ms/6dB
RX-Offset
300mV
300mV
Electrical characteristics
Electrical characteristics are measured with the Test Circuit
application. Typical mean values will not be tested.
Absolute maximum ratings
Positive Supply Voltage
-0.3V <= VDD <= 7V
Input Current
+/- 25mA
Input Voltage (LS)
-0.3V <= Vin <= 12V
Input Voltage (LI, CS)
-0.3V <= Vin <= 8V
Input Voltage (STB, RI)
-2V <= Vin <= VDD+0.3V
Digital Input Voltage
-0.3V <= Vin <= VDD+0.3V
Electrostatic Discharge (HBM 1.5k
Ω-100pF)
+/- 1000V
Storage Temperature
-65°C to +125°C
Recommended operating conditions
Supply Voltage (generated internally)
3V <= VDD <= 5V
Operating Temperature
-25°C to +70°C
Revision 1.13
Page 12 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com