| Electronic Components Datasheet Search |
|
AS3930 Datasheet(PDF) 17 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3930 Datasheet(HTML) 17 Page - ams AG |
|
17 / 33 page ![]() www.austriamicrosystems.com/AS3930 Revision 1.0 17 - 33 AS3930 Data Sheet - D e t a i l e d D e s c r i p t i o n Figure 12. Writing of a single Byte (falling edge sampling) Figure 13. Writing of Register Data with auto-incrementing Address Reading of Data from Addressable Registers (READ Mode) Once the address has been sent through SDI, the data can be fed through the SDO pin out to the microcontroller. A CS LOW toggling high-low-high has to be performed after finishing the read mode session, in order to indicate the end of the READ command and prepare the Interface to the next command control Byte. To transfer bytes from consecutive addresses, SDI master has to keep the CS signal high and the SCLK clock has to be active as long as data need to be read. Figure 14. Reading of a single Register Byte CS SCLK SDI 0 0 A5 A4 A3 A2 A1 A0 D5 D 4 D3 D2 D1 D0 D7 D6 X X SCLK raising edge Data is transf ered from µC SCLK falling edge Data is sampled Data is moved t o Address A5-A0 CS falling edge signals end of WRITE Mode Two leading Zeros indicate WRITE Mode CS SCLK SDI 00 A 5 A 4 A 3 A 2 A 1 A 0 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 X X Data is moved t o Address <A5-A0 > + n CS falling edge signals end of WRITE Mode Two leading Zeros indicat e WRI TE Mode D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 D 7 D 6 D 1 D 0 Data is moved to Addres s <A5-A0 > + (n- 1) Dat a is mov ed to Addres s <A5-A0> +1 Data is moved t o Address <A5-A0> CS SCLK SDI 0 1 A5 A4 A3 A2 A1 A0 X X SCLK rais ing edge Data is mov ed f rom Address <A5-A0> CS falling edge signals end of READ Mode 01 pattern indicat es READ Mode D4 D3 D2 D1 D0 D7 D6 X X SDO SCLK raising edge Dat a is transfered from µC SCLK f alling edge Dat a is sampled SCLK f alling edge Dat a is transf ered to µC D5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |