Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5030ATSU Datasheet(PDF) 19 Page - ams AG

Part # AS5030ATSU
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030ATSU Datasheet(HTML) 19 Page - ams AG

Back Button AS5030ATSU Datasheet HTML 15Page - ams AG AS5030ATSU Datasheet HTML 16Page - ams AG AS5030ATSU Datasheet HTML 17Page - ams AG AS5030ATSU Datasheet HTML 18Page - ams AG AS5030ATSU Datasheet HTML 19Page - ams AG AS5030ATSU Datasheet HTML 20Page - ams AG AS5030ATSU Datasheet HTML 21Page - ams AG AS5030ATSU Datasheet HTML 22Page - ams AG AS5030ATSU Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 19 of 33
The magnetic field strength information is available in two forms:
6.3.1
Magnetic Field Strength Hardware Indicator:
Pin MagRngn (#1) will be low, when the magnetic field is too weak. The switching limit is determined by the value of the AGC. If
the AGC value is <3FH , the MagRngn output will be high (green range), If the AGC is at its upper limit (3FH), the MagRngn
output will be low (red range).
6.3.2
Magnetic Field Strength Software Indicator:
D13:D7 in the serial data that is obtained by command READ ANGLE (5.2.1) contains the 6-bit AGC information (see 5.2.1). The
AGC is an automatic gain control that adjusts the internal signal amplitude obtained from the Hall elements to a constant level.
If the magnetic field is weak, e.g. with a large vertical gap between magnet and IC, with a weak magnet or at elevated
temperatures of the magnet, the AGC value will be high. Likewise, the AGC value will be lower when the magnet is closer to the
IC, when strong magnets are used and at low temperatures.
The best performance of the AS5030 will be achieved when operating within the AGC range. It will still be operational outside
the AGC range, but with reduced performance especially with a weak magnetic field due to increased noise.
6.3.3
Factors Influencing the AGC Value
In practical use, the AGC value will depend on several factors:
•
the initial strength of the magnet. Aging magnets may show a reducing magnetic field over time which results in an
increase of the AGC value. The effect of this phenomenon is relatively small and can easily be compensated by the
AGC.
•
the vertical distance of the magnet. Depending on the mechanical setup and assembly tolerances, there will always be
some variation of the vertical distance between magnet and IC over the lifetime of the application using the AS5030.
Again, vertical distance variations can be compensated by the AGC
•
the temperature and material of the magnet. The recommended magnet for the AS5030 is a diametrically magnetized,
5-6mm diameter NdFeB (Neodymium-Iron-Boron) magnet. Other magnets may also be used as long as they can
maintain to operate the AS5030 within the AGC range.
Every magnet has a temperature dependence of the magnetic field strength. The temperature coefficient of a magnet
depends on the used material. At elevated temperatures, the magnetic field strength of a magnet is reduced, resulting
in an increase of the AGC value. At low temperatures, the magnetic field strength is increased, resulting in a decrease
of the AGC value.
The variation of magnetic field strength over temperature is automatically compensated by the AGC.
6.3.4
OTP Sensitivity Adjustment
To obtain best performance and tolerance against temperature or vertical distance fluctuations, the AGC value at normal
operating temperature should be in the middle between minimum and maximum, hence it should be around 100000 (20H)
To facilitate the “vertical centering” of the magnet+IC assembly, the sensitivity of the AS5030 can be adjusted in the OTP
register in 4 steps. A sensitivity adjustment is recommended, when the AGC value at normal operation is close to its lower limit
(around 00H ). The default sensitivity setting is 00H = high sensitivity. Any value >00H will reduce the sensitivity (see 5.2.4).
6.4
“Pushbutton” Feature
Using the magnetic field strength software and hardware
indicators described above, the AS5030 provides a useful
method of detecting both rotation and vertical distance
simultaneously. This is especially useful in applications
implementing a rotate-and-push type of human interface (e.g. in
panel knobs and switches).
The MagRngn output is low, when the magnetic field is below
the low limit (weak or no magnet) and high when the magnetic
field is above the low limit (in-range or strong magnet).
A finer detection of a vertical distance change, for example
when only short vertical strokes are made by the pushbutton, is
achieved by memorizing the AGC value in normal operation and
triggering on a change from that nominal the AGC value to
detect a vertical movement.
Figure 24: Magnetic field strength indicator
AS5030
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
Output
MagRngn
1
LED1
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com