Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2292 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2292
Description  17-24GHz Low Noise, Variable Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2292 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2292 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA2292
Ref. : DSCHA22922108 - 18-Apr.-02
1/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
17-24GHz Low Noise, Variable Gain Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2292 is a high gain
four-stage
monolithic low noise amplifier with variable gain.
It is designed for a wide range of applications,
from
military
to
commercial
communication
systems.The backside of the chip is both RF and
DC grounded. This helps simplify the assembly
process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
• Frequency range : 17-24GHz
• 2.8dB Noise Figure.
• 25dB gain
• Gain control range: 15dB
• DC power consumption: 160mA @ 5V
• Chip size : 2.32 X 1.23 X 0.10 mm
Typical on wafer measurements :Gain & NF
Main Characteristics
Tamb. = 25°C
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
17
24
GHz
G
Small signal gain
25
dB
NF
Noise figure
2.8
dB
Gctrl
Gain control range with Vc variation
15
dB
Id
Bias current
160
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
V5
Vd2,3,4
Vg1
Vg2,3,4
Vc
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
16
17
18
19
20
21
22
23
24
Frequency (GHz)
Gain (dB)
NF (dB)


Similar Part No. - CHA2292

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292 Datasheet
221Kb / 7P
16-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292 Datasheet
158Kb / 6P
16-24GHz Low Noise, Variable Gain Amplifier
CHA2292-99F/00 UMS-CHA2292-99F/00 Datasheet
221Kb / 7P
16-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
16-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292_15 Datasheet
158Kb / 6P
16-24GHz Low Noise, Variable Gain Amplifier
More results

Similar Description - CHA2292

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
17-24GHz Low Noise Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA4693-QGG UMS-CHA4693-QGG Datasheet
858Kb / 16P
17-27GHz Variable Gain Amplifier
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
17-27GHz Variable Gain Amplifier
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
16-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292_15 Datasheet
158Kb / 6P
16-24GHz Low Noise, Variable Gain Amplifier
CHA4863-QGG UMS-CHA4863-QGG Datasheet
467Kb / 14P
17-24GHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com