Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5043ASSU Datasheet(PDF) 20 Page - ams AG

Part # AS5043ASSU
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043ASSU Datasheet(HTML) 20 Page - ams AG

Back Button AS5043ASSU Datasheet HTML 16Page - ams AG AS5043ASSU Datasheet HTML 17Page - ams AG AS5043ASSU Datasheet HTML 18Page - ams AG AS5043ASSU Datasheet HTML 19Page - ams AG AS5043ASSU Datasheet HTML 20Page - ams AG AS5043ASSU Datasheet HTML 21Page - ams AG AS5043ASSU Datasheet HTML 22Page - ams AG AS5043ASSU Datasheet HTML 23Page - ams AG AS5043ASSU Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AS5043
Data Sheet – Choosing the Proper Magnet
www.austriamicrosystems.com
Revision 1.80
20 – 36
15 Choosing the Proper Magnet
Typically the magnet should be 6mm in diameter and ≥2.5mm in height. Magnetic materials such as rare earth AlNiCo,
SmCo5 or NdFeB are recommended.
The magnet’s field strength perpendicular to the die surface should be verified using a gauss-meter. The magnetic field
Bv at a given distance, along a concentric circle with a radius of 1.1mm (R1), should be in the range of ±45mT…±75mT.
(see Figure 18).
Figure 18: Typical Magnet and Magnetic Field Distribution
N
S
Magnet axis
Vertical field
component
(45…75mT)
0
360
360
Bv
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
typ. 6mm diameter
S
N
15.1 Physical Placement of the Magnet
The best linearity can be achieved by placing the center of the magnet exactly over the defined center of the IC package
as shown in Figure 19.
Figure 19: Defined IC Center and Magnet Displacement Radius
1
Defined
center
2.433 mm
2.433 mm
3.9 mm
3.9 mm
Area of recommended maximum
magnet misalignment
Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com