Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF84 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SSF84
Description  SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SSF84 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SSF84 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SSF84 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES
SSF81 THRU SSF84
SSF81 thru SSF84
SUPER FAST RECOVERY RECTIFIER
SUPER FAST RECOVERY RECTIFIER
(+)
()
50
NONINDUCTIVE
1
NON-
INDUCTIVE
NOTES : 1. Rise Time=7ns max., Input Impedance=
1 megohm, 22pF.
2. Rise Time=10ns max., Source Impedance=
50 ohms.
10
NONINDUCTIVE
D.U.T.
OSCILLOSCOPE
(NOTE 1)
25 Vdc
(approx.)
(+)
()
PULSE
GENERATOR
(NOTE 2)
SET TIME BASE
FOR 5 / 10ns/cm
1cm
-1.0A
-0.25
0
+0.5A
trr
Fig. 2 - FORWARD CURRENT DERATING CURVE
0
AMBIENT TEMPERATURE, C
25
50
75
100
150
125
175
0
4.0
2.0
6.0
8.0
10.0
12.0
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INOUCTIVE LOAD
.375" LEAD LENGTH
Fig. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.2
.4
.6
.8
1.0
1.2
1.4
.01
0.1
1.0
10
0
T
= 25 C
J
Fig. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
100
10
1
1
10
100
0
T =25C
J
Fig. 5 - PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
100
10
1
0
50
100
150
200
250
0
T =25C
J
Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com