Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF82 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SSF82
Description  SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SSF82 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SSF82 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SSF82 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
SSF81 thru SSF84
SUPER FAST RECOVERY RECTIFIER
SUPER FAST RECOVERY RECTIFIER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Operating and Storage Temperature Range
Typical Junction Capacitance (Note 2)
Maximum Reverse Recovery Time (Note 1)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A DC
0
Maximum Average Forward Rectified Current, at T =100 C
C
SSF81
SSF82
SSF83
SSF84
UNITS
50
100
150
200
V
V
V
0C
A
A
pF
V
35
70
105
140
50
100
150
200
65
-65 to +150
8.0
125
35
0.975
10
150
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Signle phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
A
A
nS
Notes : 1. Test Conditions : IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0 Volts
Maximum DC Reverse Current at Rated
DC Blocking Voltage
0
@TC=25 C
0
@TC=100 C
FEATURE
Low switching noise
Low forward voltage drop
Low leakage current
High current capability
Super fast switching speed
High reliability
Good for switching mode circuit
MECHANICAL DATA
Case:TO-220A molded plastic
Epoxy:UL 94V-0 rate reatardant
Lead:MIL-STD-202 method 208 quaranteed
Mounting position:any
VOLTAGE RANGE 50 TO 200 Volts
CURRENT 8.0 Amperes
TO-220AC
CASE POSITIVE
SUFFIX "p"
CASE NEGATIVE
SUFFIX "N"


Similar Part No. - SSF82

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF8205 SILIKRON-SSF8205 Datasheet
436Kb / 7P
Battery protection
logo
GOOD-ARK Electronics
SSF8205 GOOD-ARK-SSF8205 Datasheet
963Kb / 8P
20V Dual N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF8205A SILIKRON-SSF8205A Datasheet
553Kb / 7P
Battery protection
logo
VBsemi Electronics Co.,...
SSF8205A VBSEMI-SSF8205A Datasheet
965Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Silikron Semiconductor ...
SSF8205U SILIKRON-SSF8205U Datasheet
605Kb / 9P
Advanced trench MOSFET process technology
More results

Similar Description - SSF82

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
60HFU TEL-60HFU Datasheet
199Kb / 1P
Super Fast Recovery Rectifier
85HFL TEL-85HFL Datasheet
201Kb / 1P
Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com