Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5130 Datasheet(PDF) 29 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 29 Page - ams AG

Back Button AS5130_09 Datasheet HTML 25Page - ams AG AS5130_09 Datasheet HTML 26Page - ams AG AS5130_09 Datasheet HTML 27Page - ams AG AS5130_09 Datasheet HTML 28Page - ams AG AS5130_09 Datasheet HTML 29Page - ams AG AS5130_09 Datasheet HTML 30Page - ams AG AS5130_09 Datasheet HTML 31Page - ams AG AS5130_09 Datasheet HTML 32Page - ams AG AS5130_09 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
29 - 40
AS5130
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Application Example IV: Polling mode
Figure 22. Polling Mode
Once powered up for at least 2.5ms, the AS5130 can be operated in a pulsed mode, where it is periodically turned on/
off by a high side FET (PMOS) switching transistor with a low Ron (<10
Ω). The on-time is at least 250µs in order to
perform one measurement. A valid measurement result can be verified by checking the lock bit (ADC is locked) in the
serial data stream.
After startup an OTP reset has to be performed in order to read out valid trimming information. Then a special SSI
command (STORE REF) copies the actual angle into a buffered reference angle register. Now the AS5130 can be
turned off. Special registers will be buffered by the low power supply and will keep the actual settings. After a ton of min.
250 us, the actual angle is compared with the stored reference angle. If the angle difference is larger than a threshold
value (wlsb, SSI command WRITE CUST), the AS5130 will send an interrupt request to an external device via the
WAKE pin.
Due to the internal POR level of the IC, ton starts after VDD has reached 4.3V (worst case POR level).The average
power consumption in this pulsed mode depends on the supply current in active mode and the duty cycle of the on/off
pulse:
Iavg =
(EQ 10)
Example: Sampling period = one measurement every 100ms. System constants = Iactive = 19mA, ton(min) = 250µs:
Iavg =
= 47.5µA
(EQ 11)
Accuracy of the Encoder system
This section enlightens on the individual factors that influence the accuracy of the encoder system, and provides
techniques to improve them. Accuracy is defined as the difference between measured angle and actual angle. This is
not to be confused with resolution, which is the smallest step that the system can resolve. The two parameters are not
necessarily linked together. A high resolution encoder may not necessarily be highly accurate as well.
Quantization Error
There is however a direct link between resolution and accuracy, which is the quantization error:
VDD
VSS
micro
controller
AS5130
100n
VSS
+5V
AVDD
CS
AVDD
CLK
DIO
VSS
AS5130
S
N
on/off
10k
ton toff
Cx
>1µF
+5V
Iactive∗ton
ton toff
+
-------------------------
19mA∗250
μs
250
μs 99.75ms
+
------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com