Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5046 Datasheet(PDF) 29 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 29 Page - ams AG

Back Button AS5046 Datasheet HTML 25Page - ams AG AS5046 Datasheet HTML 26Page - ams AG AS5046 Datasheet HTML 27Page - ams AG AS5046 Datasheet HTML 28Page - ams AG AS5046 Datasheet HTML 29Page - ams AG AS5046 Datasheet HTML 30Page - ams AG AS5046 Datasheet HTML 31Page - ams AG AS5046 Datasheet HTML 32Page - ams AG AS5046 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 29 of 33
introduced by the magnetic source itself or external
disturbing magnetic fields. A ratiometric division of the
sine and cosine vectors removes the need for an
accurate absolute magnitude of the magnetic field and
thus accurate Z-axis alignment of the magnetic source.
The recommended differential input range of the
magnetic field strength (B(X1-X2),B(Y1-Y2)) is
±75mT at the
surface of the die. In addition to this range, an additional
offset of
±5mT, caused by unwanted external stray fields
is allowed.
The chip will continue to operate, but with degraded
output linearity, if the signal field strength is outside the
recommended range. Too strong magnetic fields will
introduce errors due to saturation effects in the internal
preamplifiers. Too weak magnetic fields will introduce
errors due to noise becoming more dominant.
17 Failure Diagnostics
The AS5046 also offers several diagnostic and failure
detection features:
17.1 Magnetic Field Strength Diagnosis
By software: the MagInc and MagDec status bits will
both be high when the magnetic field is out of range.
By hardware: Pin #1 (MagRngn) is a logical NAND-ed
combination of the MagInc and MagDec status bits. It is
an open-drain output and will be turned on (= low with
external pull-up resistor) when the magnetic field is out
of range.
By hardware: Pin #12 (Vout) is the analog output of the
DAC and OP-Amp. The analog output will be 0V, when
the magnetic field is out of range (all analog modes).
17.2 Power Supply Failure Detection
By software: If the power supply to the AS5046 is
interrupted, the digital data read by the serial interface
will be all “0”s. Data is only valid, when bit OCF is high,
hence a data stream with all “0”s is invalid. To ensure
adequate low levels in the failure case, a pull-down
resistor (~10k
Ω) should be added between pin DO and
VSS at the receiving side
By hardware: The MagRngn pin is an open drain output
and requires an external pull-up resistor. In normal
operation, this pin is high ohmic and the output is high.
In a failure case, either when the magnetic field is out of
range or the power supply is missing, this output will
become low. To ensure an adequate low level in case of
a broken power supply to the AS5046, the pull-up
resistor (~10k
Ω) must be connected to the positive
supply at pin 16 (VDD5V).
18 Angular Output Tolerances
18.1 Accuracy; Digital Outputs
Accuracy is defined as the error between measured
angle and actual angle. It is influenced by several
factors:
the non-linearity of the analog-digital converters,
internal gain and mismatch errors,
non-linearity due to misalignment of the magnet
As a sum of all these errors, the accuracy with centered
magnet = (Errmax – Errmin)/2 is specified as better than
±0.5 degrees @ 25°C (see Figure 26).
Misalignment of the magnet further reduces the
accuracy. Figure 25 shows an example of a 3D-graph
displaying non-linearity over XY-misalignment. The
center of the square XY-area corresponds to a centered
magnet (see dot in the center of the graph). The X- and
Y- axis extends to a misalignment of
±1mm in both
directions. The total misalignment area of the graph
covers a square of 2x2 mm (79x79mil) with a step size of
100µm.
For each misalignment step, the measurement as shown
in Figure 26 is repeated and the accuracy
(Errmax – Errmin)/2 (e.g. 0.25° in Figure 26) is entered as
the Z-axis in the 3D-graph.
18.2 Accuracy; Analog Output
The analog output has the same accuracy as the digital
output with the addition of the nonlinearities of the DAC
and the OPAMP (+/-1LSB; see Table 9 and 0).
-1000
-700
-400
-100
200
500
800
0
1
2
3
4
5
6
°
x
y
Linearity Error over XY-misalignment [°]
Figure 25: Example of linearity error over XY misalignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com