Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5130ASSU Datasheet(PDF) 25 Page - ams AG

Part # AS5130ASSU
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ASSU Datasheet(HTML) 25 Page - ams AG

Back Button AS5130ASSU Datasheet HTML 21Page - ams AG AS5130ASSU Datasheet HTML 22Page - ams AG AS5130ASSU Datasheet HTML 23Page - ams AG AS5130ASSU Datasheet HTML 24Page - ams AG AS5130ASSU Datasheet HTML 25Page - ams AG AS5130ASSU Datasheet HTML 26Page - ams AG AS5130ASSU Datasheet HTML 27Page - ams AG AS5130ASSU Datasheet HTML 28Page - ams AG AS5130ASSU Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
25 - 40
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
The procedure is as follows:
1. Initial startup: The circuit starts up with invalid trim values, which are read back from the storage registers; the
command rst_otp (command 19 – 10011) must be sent to read out valid trim values from the OTP.
2. These values are copied to the storage registers if OTP<8> (Wake enable) is set (must be set for polling
mode).
3. The values of AGC counter, actual angle, multi turn counter, hysteresis setting, wake threshold and gain set-
ting are continuously updated in the storage registers.
4. The actual angle is stored as a reference by sending command STORE REF (command 3 – 00011). without
this reference angle, a WAKE is generated at every startup.
5. The update of the storage registers is stopped if VDD drops below 4.45V and then the information is stored
(DVDD) at the next startup (VDD on), the values are read back from the storage registers and the measured
angle is compared with the stored reference angle; if the difference between both exceeds the threshold, a
WAKE pulse is generated.
Figure 18 shows the behavior of the wake up signal. The wake up signal will be low for twakeup = 10us. After that, the
wake up signal will go to tri-state condition. In case of an angle comparison with a result below the threshold, the signal
will remain in tri-state condition. After switching on AVDD, the system needs max. 250us to generate an angle with
maximum accuracy. A WAKE signal cannot be expected until the end of this period.
WAKE Interface
An open drain NMOS structure is used in the WAKE pad. In order to generate a clear output signal level, a pull up
resistor is required. The pad can drive 4mA.
VDD on (fast)
store_ok
POR (40us... 150us)
LO
LO
HI
HI
reset & reset_storage
reset digital core only
Retrieve values from storage registers
WAKE (26 clk periods)
Wait (162 clks - 86us ... 95us)
Compare mode
WAKE_ON
Normal mode
store_ok ?
Copy to Storage
Normal mode
OTP readout (46bit - 140us ... 400us)
true
true
false
false
WAKE (20 clk periods)
command rst_otp
OTP readout (OTP <8> = HI
|
measured –
stored| >
threshold
αα
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com